Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2796L Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SK2796L
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2796L Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SK2796L Datasheet HTML 1Page - Renesas Technology Corp 2SK2796L Datasheet HTML 2Page - Renesas Technology Corp 2SK2796L Datasheet HTML 3Page - Renesas Technology Corp 2SK2796L Datasheet HTML 4Page - Renesas Technology Corp 2SK2796L Datasheet HTML 5Page - Renesas Technology Corp 2SK2796L Datasheet HTML 6Page - Renesas Technology Corp 2SK2796L Datasheet HTML 7Page - Renesas Technology Corp 2SK2796L Datasheet HTML 8Page - Renesas Technology Corp 2SK2796L Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.5.00 Sep 07, 2005 page 1 of 8
2SK2796(L), 2SK2796(S)
Silicon N Channel MOS FET
High Speed Power Switching
REJ03G1034-0500
(Previous: ADE-208-534C)
Rev.5.00
Sep 07, 2005
Features
• Low on-resistance
RDS(on) = 0.12
Ω typ.
• 4 V gate drive devices.
• High speed switching
Outline
RENESAS Package code: PRSS0004ZD-A
(Package name: DPAK(L)-(1))
1. Gate
2. Drain
3. Source
4. Drain
RENESAS Package code: PRSS0004ZD-C
(Package name: DPAK(S))
1
2 3
4
1
2
3
4
D
G
S


Similar Part No. - 2SK2796L

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK2796L HITACHI-2SK2796L Datasheet
54Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SK2796L VBSEMI-2SK2796L Datasheet
1,001Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
2SK2796L DOINGTER-2SK2796L Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
2SK2796L ISC-2SK2796L Datasheet
371Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK2796L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com