Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2957 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. 2SK2957
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

2SK2957 Datasheet(HTML) 4 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK2957(L), 2SK2957(S)
Rev.4.00 Sep 07, 2005 page 4 of 7
Case Temperature TC (°C)
Static Drain to Source on State
Resistance vs. Temperature
Forward Transfer Admittance
vs. Drain Current
Drain Current ID (A)
Body to Drain Diode Reverse
Recovery Time
Reverse Drain Current IDR (A)
Typical Capacitance
vs. Drain to Source Voltage
Drain to Source Voltage VDS (V)
Dynamic Input Characteristics
Gate Charge Qg (nc)
Switching Characteristics
Drain Current ID (A)
20
16
12
8
4
–40
0
40
80
120
160
0
0.1 0.2
1
2
10
10
5
1
2
0.5
VGS = 4 V
10 V
5 ,10, 20 A
20
20
50
50
Pulse Test
ID = 5, 10, 20 A
0.5
5
25
°C
Tc = –25
°C
75
°C
VDS = 10 V
Pulse Test
0.1
0.3
1
3
10
30
100
010
20
30
40
50
300
10000
1000
3000
50
40
30
20
10
0
20
16
12
8
4
20
40
60
80
100
0
1000
500
100
200
20
50
10
0.1 0.2
2
10
50
100
50
10
20
2
5
1
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C
100
300
20
1
10
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
ID = 50 A
VGS
VDS
VDD = 5 V
10 V
25 V
VDD = 25 V
10 V
5 V
0.5
5
VGS = 10 V, VDD = 10 V
PW = 5
µs, duty < 1 %
tr
td(on)
td(off)
tf


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn