Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2569ZN-TR-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SK2569ZN-TR-E
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2569ZN-TR-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK2569ZN-TR-E Datasheet HTML 1Page - Renesas Technology Corp 2SK2569ZN-TR-E Datasheet HTML 2Page - Renesas Technology Corp 2SK2569ZN-TR-E Datasheet HTML 3Page - Renesas Technology Corp 2SK2569ZN-TR-E Datasheet HTML 4Page - Renesas Technology Corp 2SK2569ZN-TR-E Datasheet HTML 5Page - Renesas Technology Corp 2SK2569ZN-TR-E Datasheet HTML 6Page - Renesas Technology Corp 2SK2569ZN-TR-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK2569
Rev.3.00 Dec 27, 2006 page 4 of 6
Case Temperature TC (°C)
Static Drain to Source on State
Resistance vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance
vs. Drain Current
10
8
6
4
2
–40
0
40
80
120
160
0
ID = 0.2 A
0.1 A
0.05 A
VGS = 2.5 V
4 V
0.05, 0.1 A
Pulse Test
0.2 A
0.5
0.2
0.1
0.02
0.05
0.01
0.005
0.001 0.003
0.01
0.03
0.1
0.3
1
25
°C
Tc = –25
°C
75
°C
VDS = 10 V
Pulse Test
0
10
203040
50
100
30
10
3
1
0.3
0.1
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
tf
tr
td(on)
td(off)
0.01 0.02
0.05
0.1
0.2
0.5
1
VGS = 10 V
VDD = 30 V
PW = 5
µs
duty < 1 %
2
1
0.2
0.5
0.1
0.02
0.05
Drain Current
ID (A)
Switching Characteristics
0.20
0.16
0.12
0.08
0.04
0
0.2
0.4
0.6
0.8
1.0
VGS = 0
–5 V
Pulse Test
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage


Similar Part No. - 2SK2569ZN-TR-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK2569 HITACHI-2SK2569 Datasheet
40Kb / 8P
   Silicon N-Channel MOS FET
More results

Similar Description - 2SK2569ZN-TR-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com