Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3239L-E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SK3239L-E
Description  Silicon N Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3239L-E Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SK3239L-E Datasheet HTML 1Page - Renesas Technology Corp 2SK3239L-E Datasheet HTML 2Page - Renesas Technology Corp 2SK3239L-E Datasheet HTML 3Page - Renesas Technology Corp 2SK3239L-E Datasheet HTML 4Page - Renesas Technology Corp 2SK3239L-E Datasheet HTML 5Page - Renesas Technology Corp 2SK3239L-E Datasheet HTML 6Page - Renesas Technology Corp 2SK3239L-E Datasheet HTML 7Page - Renesas Technology Corp 2SK3239L-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SK2329(L), 2SK2329(S)
Rev.2.00 Sep 07, 2005 page 5 of 7
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Width PW (s)
Normalized Transient Thermal Impedance vs. Pulse Width
Switching Time Test Circuit
Waveforms
20
16
12
8
4
0
0.4
0.8
1.2
1.6
2.0
Pulse Test
VGS = 0, –5 V
5 V
3
1
0.3
0.1
0.03
0.01
10
µ
100
µ
1 m
10 m
100 m
1
10
DM
P
PW
T
D =
PW
T
θch – c(t) = γs (t) • θch – c
θch – c = 6.25°C/W, Tc = 25°C
D = 1
0.5
0.2
0.01
0.02
0.1
0.05
1 shot
Pulse
Tc = 25
°C
Vin Monitor
D.U.T.
Vin
4 V
RL
VDD
= 10 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
50
90%
10%
tf


Similar Part No. - 2SK3239L-E

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3230 NEC-2SK3230 Datasheet
50Kb / 8P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
logo
Renesas Technology Corp
2SK3230 RENESAS-2SK3230 Datasheet
274Kb / 10P
   JUNCTION FIELD EFFECT TRANSISTOR
2002
logo
NEC
2SK3230B NEC-2SK3230B Datasheet
123Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
logo
Renesas Technology Corp
2SK3230B RENESAS-2SK3230B Datasheet
239Kb / 7P
   JUNCTION FIELD EFFECT TRANSISTOR
2004
logo
NEC
2SK3230C NEC-2SK3230C Datasheet
133Kb / 5P
   JUNCTION FIELD EFFECT TRANSISTOR
More results

Similar Description - 2SK3239L-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com