Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK2736 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. 2SK2736
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

2SK2736 Datasheet(HTML) 2 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SK2736
Rev.2.00 Sep 07, 2005 page 2 of 6
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
30
A
Drain peak current
ID(pulse)*
1
120
A
Body to drain diode reverse drain current
IDR
30
A
Channel dissipation
Pch*
2
25
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10µs, duty cycle ≤ 1 %
2. Value at Tc = 25
°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
30
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±20
V
IG =
±100 µA, VDS = 0
Zero gate voltage drain current
IDSS
10
µA
VDS = 30 V, VGS = 0
Gate to source leak current
IGSS
±10
µA
VGS =
±16 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
1.0
2.0
V
ID = 1 mA, VDS = 10 V
RDS(on)
20
28
m
ID = 15 A, VGS = 10 V*
3
Static drain to source on state
resistance
RDS(on)
35
50
m
ID = 15 A, VGS = 4 V*
3
Forward transfer admittance
|yfs|
12
18
S
ID = 15 A, VDS = 10 V*
3
Input capacitance
Ciss
750
pF
Output capacitance
Coss
520
pF
Reverse transfer capacitance
Crss
210
pF
VDS = 10 V, VGS = 0,
f = 1 MHz
Turn-on delay time
td(on)
16
ns
Rise time
tr
260
ns
Turn-off delay time
td(off)
85
ns
Fall time
tf
90
ns
VGS = 10 V, ID = 15 A,
RL = 0.67
Body to drain diode forward voltage
VDF
1.0
V
IF = 30A, VGS = 0
Body to drain diode reverse recovery
time
trr
45
ns
IF = 30A, VGS = 0
diF/ dt = 50A/
µs
Note:
3. Pulse test


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn