Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV06A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LV06A
Description  Hex Inverter Buffers / Drivers with Open Drain Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV06A Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LV06A Datasheet HTML 1Page - Renesas Technology Corp HD74LV06A Datasheet HTML 2Page - Renesas Technology Corp HD74LV06A Datasheet HTML 3Page - Renesas Technology Corp HD74LV06A Datasheet HTML 4Page - Renesas Technology Corp HD74LV06A Datasheet HTML 5Page - Renesas Technology Corp HD74LV06A Datasheet HTML 6Page - Renesas Technology Corp HD74LV06A Datasheet HTML 7Page - Renesas Technology Corp HD74LV06A Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.6.00 Dec 23, 2005 page 1 of 7
HD74LV06A
Hex Inverter Buffers / Drivers with Open Drain Outputs
REJ03D0230–0600
Rev.6.00
Dec 23, 2005
Description
The HD74LV06A has six inverter buffers / drivers with open drain outputs in a 14-pin package.
Low-voltage and high-speed operation is suitable for the battery-powered products (e.g., notebook computers), and the
low-power consumption extends the battery life.
Features
• V
CC = 2.0 V to 5.5 V operation
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
• All outputs V
O (Max.) = 5.5 V (@VCC = 0 V)
• All outputs V
O (Max.) = 5.5 V (@VCC = 2.0 V to 5.5 V, Output “Z” state)
• Typical V
OL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25°C)
• Output current ±8 mA (@V
CC = 3.0 V to 3.6 V), ±16 mA (@VCC = 4.5 V to 5.5 V)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV06AFPEL
SOP–14 pin (JEITA)
PRSP0014DF-B
(FP–14DAV)
FP
EL (2,000 pcs/reel)
HD74LV06ARPEL
SOP–14 pin (JEDEC)
PRSP0014DE-A
(FP–14DNV)
RP
EL (2,500 pcs/reel)
HD74LV06ATELL
TSSOP–14 pin
PTSP0014JA-B
(TTP–14DV)
T
ELL (2,000 pcs/reel)
Note: Please consult the sales office for the above package availability.
Function Table
Input A
Output Y
L
Z
H
L
Note:
H: High level
L: Low level
Z: High impedance


Similar Part No. - HD74LV06A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV06A HITACHI-HD74LV06A Datasheet
46Kb / 11P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
logo
Renesas Technology Corp
HD74LV06AFPEL RENESAS-HD74LV06AFPEL Datasheet
125Kb / 10P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
HD74LV06ARPEL RENESAS-HD74LV06ARPEL Datasheet
125Kb / 10P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
HD74LV06ATELL RENESAS-HD74LV06ATELL Datasheet
125Kb / 10P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
HD74LV06A RENESAS-HD74LV06A_15 Datasheet
125Kb / 10P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
More results

Similar Description - HD74LV06A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A Datasheet
162Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74LVC06A_101 TI-SN74LVC06A_101 Datasheet
738Kb / 21P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Hitachi Semiconductor
HD74LV06A HITACHI-HD74LV06A Datasheet
46Kb / 11P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
logo
Texas Instruments
SN54LVC06A TI-SN54LVC06A Datasheet
121Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN74LV06A TI-SN74LV06A Datasheet
328Kb / 13P
[Old version datasheet]   HEX INVERTER BUFFERS/ DRIVERS WITH OPEN DRAIN OUTPUTS
SN54LVC06A TI-SN54LVC06A_07 Datasheet
665Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV06A TI1-SN54LV06A_16 Datasheet
1,017Kb / 23P
[Old version datasheet]   Hex Inverter Buffers/Drivers With Open-Drain Outputs
logo
Unisonic Technologies
U74LVC06A UTC-U74LVC06A_15 Datasheet
164Kb / 5P
   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Texas Instruments
SN74LV06A TI-SN74LV06A_10 Datasheet
568Kb / 17P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
SN54LV06A TI-SN54LV06A_07 Datasheet
470Kb / 15P
[Old version datasheet]   HEX INVERTER BUFFERS/DRIVERS WITH OPEN-DRAIN OUTPUTS
logo
Renesas Technology Corp
HD74LV06A RENESAS-HD74LV06A_15 Datasheet
125Kb / 10P
   Hex Inverter Buffers / Drivers with Open Drain Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com