Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HN58X2508I Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HN58X2508I
Description  Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HN58X2508I Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HN58X2508I_05 Datasheet HTML 5Page - Renesas Technology Corp HN58X2508I_05 Datasheet HTML 6Page - Renesas Technology Corp HN58X2508I_05 Datasheet HTML 7Page - Renesas Technology Corp HN58X2508I_05 Datasheet HTML 8Page - Renesas Technology Corp HN58X2508I_05 Datasheet HTML 9Page - Renesas Technology Corp HN58X2508I_05 Datasheet HTML 10Page - Renesas Technology Corp HN58X2508I_05 Datasheet HTML 11Page - Renesas Technology Corp HN58X2508I_05 Datasheet HTML 12Page - Renesas Technology Corp HN58X2508I_05 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
HN58X2508I/HN58X2516I
Rev.3.00, Jul.05.2005, page 9 of 20
Functional Description
Status Register
The following figure shows the Status Register Format. The Status Register contains a number of status and control
bits that can be read or set (as appropriate) by specific instructions.
Status Register Format
SRWD
0
0
0
BP1
BP0
WEL
WIP
b7
Status Register Write Disable
Block Protect Bits
Write Enable Latch Bits
Write In Progress Bits
b0
WIP bit: The Write In Progress (WIP) bit indicates whether the memory is busy with a Write or Write Status Register
cycle.
WEL bit: The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch.
BP1, BP0 bits: The Block Protect (BP1, BP0) bits are non-volatile. They define the size of the area to be software
protected against Write instructions.
SRWD bit: The Status Register Write Disable (SRWD) bit is operated in conjunction with the write protect (
W) signal.
The Status Register Write Disable (SRWD) bit and write protect (
W) signal allow the device to be put in the Hardware
Protected mode. In this mode, the non-volatile bits of the Status Register (SRWD, BP1, BP0) become read-only bits.
Instructions
Each instruction starts with a single-byte code, as summarized in the following table . If an invalid instruction is sent
(one not contained in the following table), the device automatically deselects itself.
Instruction Set
Instruction
Description
Instruction Format
WREN
Write Enable
0000 0110
WRDI
Write Disable
0000 0100
RDSR
Read Status Register
0000 0101
WRSR
Write Status Register
0000 0001
READ
Read from Memory Array
0000 0011
WRITE
Write to Memory Array
0000 0010


Similar Part No. - HN58X2508I_05

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results

Similar Description - HN58X2508I_05

ManufacturerPart #DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X25128IAG RENESAS-HN58X25128IAG Datasheet
598Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502I RENESAS-HN58X2502I Datasheet
177Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2508IAG RENESAS-HN58X2508IAG Datasheet
593Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532I RENESAS-HN58X2532I Datasheet
181Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00A RENESAS-R1EX25002ASA00A Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25032ASA00I RENESAS-R1EX25032ASA00I Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2502IAG RENESAS-HN58X2502IAG Datasheet
561Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
R1EX25002ASA00I RENESAS-R1EX25002ASA00I Datasheet
764Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com