Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LS640 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD74LS640
Description  Octal Bus Transceivers (inverted 3-state outputs)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS640 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD74LS640 Datasheet HTML 1Page - Renesas Technology Corp HD74LS640 Datasheet HTML 2Page - Renesas Technology Corp HD74LS640 Datasheet HTML 3Page - Renesas Technology Corp HD74LS640 Datasheet HTML 4Page - Renesas Technology Corp HD74LS640 Datasheet HTML 5Page - Renesas Technology Corp HD74LS640 Datasheet HTML 6Page - Renesas Technology Corp HD74LS640 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD74LS640
Rev.2.00, Feb.18.2005, page 2 of 6
Block Diagram
A
B
Direction
Control DIR
Transceiver (1/8)
Enable
G
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
–15
mA
Output current
IOL
24
mA
Operating temperature
Topr
–20
25
75
°C
Electrical Characteristics
(Ta = –20 to +75 °C)
Item
Symbol
min.
typ.*
max.
Unit
Condition
VIH
2.0
V
Input voltage
VIL
0.8
V
Hysteresis
VT
+ – V
T
0.2
V
VCC = 4.75 V
2.4
V
IOH = –3 mA
VOH
2
V
IOH = –15 mA
VCC = 4.75 V,
VIH = 2 V, VIL = 0.8 V
0.4
V
IOL = 12 mA
Output voltage
VOL
0.5
V
IOL = 24 mA
VCC = 4.75 V,
VIH = 2 V, VIL = 0.8 V
IOZH
20
µA
VO = 2.7 V
Output current
IOZL
–400
µA
VO = 0.4 V
VCC = 5.25 V,
G input = 2 V
IIH
20
µA
VCC = 5.25 V, VI = 2.7 V
IIL
–400
µA
VCC = 5.25 V, VI = 0.4 V
A or B
0.1
mA
VI = 5.5 V
Input
current
DIR or
G
II
0.1
mA
VI = 7 V
VCC = 5.25 V
Short-circuit output current
IOS**
–40
–225
mA
VCC = 5.25 V
ICCH
48
70
mA
ICCL
62
90
mA
Supply current
ICCZ
64
95
mA
VCC = 5.25 V, Output open
Input clamp voltage
VIK
–1.5
V
VCC = 4.75 V, IIN = –18 mA
Notes: * VCC = 5 V, Ta = 25°C
** Not more than one output shall be shorted at a time. the duration of the short circuit shall not exceed one
second.


Similar Part No. - HD74LS640

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS640 HITACHI-HD74LS640 Datasheet
71Kb / 7P
   Octal Bus Transceivers(inverted 3-state outputs)
HD74LS640 HITACHI-HD74LS640 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
HD74LS640-1 HITACHI-HD74LS640-1 Datasheet
59Kb / 5P
   Octal Bus Transceivers(inverted 3-state outputs)
HD74LS640-1 HITACHI-HD74LS640-1 Datasheet
6Mb / 273P
   Ouadruple 2-input Positive NAND Gates
More results

Similar Description - HD74LS640

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LS640-1 HITACHI-HD74LS640-1 Datasheet
59Kb / 5P
   Octal Bus Transceivers(inverted 3-state outputs)
HD74LS640 HITACHI-HD74LS640 Datasheet
71Kb / 7P
   Octal Bus Transceivers(inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74HC620 HITACHI-HD74HC620 Datasheet
60Kb / 10P
   Octal Bus Transceivers(with inverted 3-state outputs)
HD74LS645 HITACHI-HD74LS645 Datasheet
71Kb / 7P
   Octal Bus Transceivers(non-inverted 3-state outputs)
HD74HCT620 HITACHI-HD74HCT620 Datasheet
58Kb / 9P
   Octal Bus Transceivers (with inverted 3-state outputs)/
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620_15 Datasheet
149Kb / 14P
   Octal Bus Transceivers (with inverted 3-state outputs)
HD74LS645 RENESAS-HD74LS645 Datasheet
79Kb / 7P
   Octal Bus Transceivers (non-inverted 3-state outputs)
HD74HCT620 RENESAS-HD74HCT620 Datasheet
206Kb / 9P
   Octal Bus Transceivers (with inverted 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com