Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1400 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SK1400
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1400 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK1400 Datasheet HTML 1Page - Renesas Technology Corp 2SK1400 Datasheet HTML 2Page - Renesas Technology Corp 2SK1400 Datasheet HTML 3Page - Renesas Technology Corp 2SK1400 Datasheet HTML 4Page - Renesas Technology Corp 2SK1400 Datasheet HTML 5Page - Renesas Technology Corp 2SK1400 Datasheet HTML 6Page - Renesas Technology Corp 2SK1400 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK1400, 2SK1400A
Rev.2.00 Sep 07, 2005 page 4 of 6
2.0
40
160
Case Temperature TC (°C)
1.6
0.4
080
120
0
0.8
1.2
Static Drain to Source on State
Resistance vs. Temperature
Pulse Test
VGS = 10 V
–40
10 A
5 A
2 A
50
0.2
10
Drain Current ID (A)
20
2
0.1
0.5
2
0.5
5
10
Forward Transfer Admittance
vs. Drain Current
VDS = 20 V
Pulse Test
1
15
75
°C
–25
°C
TC = 25°C
500
0.2
5
Reverse Drain Current IDR (A)
200
20
1
5
50
100
Body to Drain Diode Reverse
Recovery Time
di/dt = 50 A/
µs, V
GS = 0
Ta = 25
°C
Pulse Test
10
0.5
2
10
20
20
50
Drain to Source Voltage VDS (V)
100
10
30
40
Static Drain-Source on State
Resistance vs. Drain Current
0
10
Crss
Coss
Ciss
VGS = 0 V
f = 1 MHz
1,000
10,000
500
16
40
Gate Charge Qg (nc)
400
24
032
300
200
100
VDD = 50 V
VDS
Dynamic Input Characteristics
VDD = 50 V
100 V
20
16
12
8
4
0
0
8
200 V
100 V
200 V
VGS
ID = 7 A
500
0.5
10
Drain Current ID (A)
200
20
0.2
1
5
5
50
100
0.1
10
2
Switching Characteristics
tf
td (on)
td (off)
tr
VGS = 10 V, VDD = 30 V
PW = 2
µs, duty ≤ 1 %


Similar Part No. - 2SK1400

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK1400 HITACHI-2SK1400 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1400 ISC-2SK1400 Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Hitachi Semiconductor
2SK1400A HITACHI-2SK1400A Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
logo
Renesas Technology Corp
2SK1400A RENESAS-2SK1400A Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK1400A ISC-2SK1400A Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK1400

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com