Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK1328 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. 2SK1328
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1328 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK1328 Datasheet HTML 1Page - Renesas Technology Corp 2SK1328 Datasheet HTML 2Page - Renesas Technology Corp 2SK1328 Datasheet HTML 3Page - Renesas Technology Corp 2SK1328 Datasheet HTML 4Page - Renesas Technology Corp 2SK1328 Datasheet HTML 5Page - Renesas Technology Corp 2SK1328 Datasheet HTML 6Page - Renesas Technology Corp 2SK1328 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK1328, 2SK1329
Rev.2.00 Sep 07, 2005 page 3 of 6
Main Characteristics
20
20
50
Drain to Source Voltage VDS (V)
Typical Output Characteristics
16
4
10
30
40
0
8
12
5.0 V
4.5 V
VGS = 4 V
5.5 V
6 V
10 V
8 V
20
410
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
16
4
26
8
–25
°C
0
8
12
VDS = 20 V
Pulse Test
75
°C
TC = 25°C
10
820
Gate to Source Voltage VGS (V)
8
2
412
16
0
4
6
ID = 5 A
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
10 A
Pulse Test
15 A
5
250
Drain Current ID (A)
2
0.1
1.0
5
20
0.5
0.5
1.0
Static Drain to Source on State
Resistance vs. Drain Current
VGS = 10 V
Pulse Test
15 V
0.2
0.05
10
120
80
40
0
50
100
150
Case Temperature TC (°C)
Power vs. Temperature Derating
100
10
1.0
0.1
10
100
1,000
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
30
3
0.3
1
3
30
300
Ta = 25
°C
10
µs
100
µs
1 ms
DC
Opera
tion
(T
C =
25
°C)
Operation in this Area
is Limited by R
DS (on)
2SK1329
2SK1328


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
HAT2160H Silicon N Channel Power MOS FET Power Switching 1  2  3  4  5  More Renesas Technology Corp
RJK6014DPK Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  5  More Renesas Technology Corp
HAT2165N Silicon N Channel Power MOS FET Power Switching 1  2  3  4  5  More Renesas Technology Corp
HAT2092R Silicon N Channel Power MOS FET High Speed Power Switching 1  2  3  4  5  More Renesas Technology Corp
2SJ549 Silicon P Channel MOS FET 1  2  3  4  5  More Renesas Technology Corp
2SK1167 Silicon N Channel MOS FET 1  2  3  4  5  More Renesas Technology Corp
HAT2299WP Silicon N Channel Power MOS FET Power Switching 1  2  3  4  5  More Renesas Technology Corp
2SK1310A_07 TRANSISTOR SILICON N CHANNEL MOS TYPE RF POWER MOS FET for VHF TV BROADCAST TRANSMITTER 1  2  3  4  5  Toshiba Semiconductor
HAT2187WP Silicon N Channel Power MOS FET Power Switching 1  2  3  4  5  More Renesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn