Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1301-E Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SK1301-E
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1301-E Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SK1301-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1301-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1301-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1301-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1301-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1301-E Datasheet HTML 6Page - Renesas Technology Corp 2SK1301-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SK1301
Rev.2.00 Sep 07, 2005 page 2 of 6
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDSS
100
V
Gate to source voltage
VGSS
±20
V
Drain current
ID
15
A
Drain peak current
ID(pulse)
*1
60
A
Body to drain diode reverse drain current
IDR
15
A
Channel dissipation
Pch
*2
50
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
≤ 10 µs, duty cycle ≤ 1%
2. Value at TC = 25°C
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
100
V
ID = 10 mA, VGS = 0
Gate to source breakdown voltage
V(BR)GSS
±20
V
IG =
±100 µA, VDS = 0
Gate to source leak current
IGSS
±10
µA
VGS =
±16 V, VDS = 0
Zero gate voltage drain current
IDSS
250
µA
VDS = 80 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.0
2.0
V
ID = 1 mA, VDS = 10 V
0.10
0.13
ID = 8 A, VGS = 10 V *
3
Static drain to source on state
resistance
RDS(on)
0.13
0.18
ID = 8 A, VGS = 4 V *
3
Forward transfer admittance
|yfs|
7
11
S
ID = 8 A, VDS = 10 V *
3
Input capacitance
Ciss
860
pF
Output capacitance
Coss
340
pF
Reverse transfer capacitance
Crss
100
pF
VDS = 10 V, VGS = 0,
f = 1 MHz
Turn-on delay time
td(on)
10
ns
Rise time
tr
70
ns
Turn-off delay time
td(off)
180
ns
Fall time
tf
100
ns
ID = 8 A, VGS = 10 V,
RL = 3.75
Body to drain diode forward voltage
VDF
1.3
V
IF = 15 A, VGS = 0
Body to drain diode reverse recovery
time
trr
250
ns
IF = 15 A, VGS = 0,
diF/dt = 50 A/
µs
Note:
3. Pulse test


Similar Part No. - 2SK1301-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK1301 VBSEMI-2SK1301 Datasheet
773Kb / 6P
   N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK1301 ISC-2SK1301 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK1301-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com