Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1254STL-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SK1254STL-E
Description  Silicon N Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1254STL-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SK1254STL-E Datasheet HTML 1Page - Renesas Technology Corp 2SK1254STL-E Datasheet HTML 2Page - Renesas Technology Corp 2SK1254STL-E Datasheet HTML 3Page - Renesas Technology Corp 2SK1254STL-E Datasheet HTML 4Page - Renesas Technology Corp 2SK1254STL-E Datasheet HTML 5Page - Renesas Technology Corp 2SK1254STL-E Datasheet HTML 6Page - Renesas Technology Corp 2SK1254STL-E Datasheet HTML 7Page - Renesas Technology Corp 2SK1254STL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK1254(L), 2SK1254(S)
Rev.2.00 Sep 07, 2005 page 4 of 7
1.0
0.8
0.6
0.4
0.2
0
0
40
80
120
160
Case Temperature TC (°C)
–40
Static Drain to Source on State
Resistance vs. Temperature
Pulse Test
1, 2 A
ID = 3 A
3 A
1, 2 A
VGS = 4 V
VGS = 10 V
Forward Transfer Admittance
vs. Drain Current
10
5
2
1.0
0.1
0.2
5
0.2
0.5
0.5
Drain Current ID (A)
1.0
2
0.05
0.1
–25
°C
TC = 25°C
75
°C
VDS = 10 V
Pulse Test
Body to Drain Diode Reverse
Recovery Time
Reverse Drain Current IDR (A)
500
200
50
20
10
5
100
0.1
0.2
0.5
1.0
2
5
10
di/dt = 50 A/
µs, Ta = 25°C
VGS = 0
Pulse Test
Typical Capacitance
vs. Drain to Source Voltage
1,000
100
10
1
010
20
30
40
50
Drain to Source Voltage VDS (V)
VGS = 0
f = 1 MHz
Coss
Ciss
Crss
Dynamic Input Characteristics
100
80
60
40
20
0
816
24
32
40
Gate Charge Qg (nc)
20
16
12
8
4
0
50 V
VDD = 25 V
VDS
ID = 3 A
VGS
VDD = 80 V
50 V
80 V
25 V
Switching Characteristics
500
100
50
20
10
5
200
1.0
0.2
0.5
1.0
2
10
Drain Current ID (A)
5
tr
tf
td (off)
td (on)
<
VGS = 10 V VDD = 30 V
PW = 2
µs, duty
1 %


Similar Part No. - 2SK1254STL-E

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK1254S HITACHI-2SK1254S Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
logo
Guangdong Kexin Industr...
2SK1254S KEXIN-2SK1254S Datasheet
44Kb / 1P
   Silicon N-Channel MOSFET
logo
Inchange Semiconductor ...
2SK1254S ISC-2SK1254S Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK1254STL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com