Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SJ549 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. 2SJ549
Description  Silicon P Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ549 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SJ549 Datasheet HTML 1Page - Renesas Technology Corp 2SJ549 Datasheet HTML 2Page - Renesas Technology Corp 2SJ549 Datasheet HTML 3Page - Renesas Technology Corp 2SJ549 Datasheet HTML 4Page - Renesas Technology Corp 2SJ549 Datasheet HTML 5Page - Renesas Technology Corp 2SJ549 Datasheet HTML 6Page - Renesas Technology Corp 2SJ549 Datasheet HTML 7Page - Renesas Technology Corp 2SJ549 Datasheet HTML 8Page - Renesas Technology Corp 2SJ549 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2SJ549(L), 2SJ549(S)
Rev.4.00 Jun 05, 2006 page 6 of 8
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Switching Time Test Circuit
Waveform
Vin Monitor
D.U.T.
Vin
–10 V
RL
Vout
Monitor
50
VDD
= –30 V


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn