Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74LV166A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD74LV166A
Description  Parallel-Load 8-bit Shift Register
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV166A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD74LV166A Datasheet HTML 2Page - Renesas Technology Corp HD74LV166A Datasheet HTML 3Page - Renesas Technology Corp HD74LV166A Datasheet HTML 4Page - Renesas Technology Corp HD74LV166A Datasheet HTML 5Page - Renesas Technology Corp HD74LV166A Datasheet HTML 6Page - Renesas Technology Corp HD74LV166A Datasheet HTML 7Page - Renesas Technology Corp HD74LV166A Datasheet HTML 8Page - Renesas Technology Corp HD74LV166A Datasheet HTML 9Page - Renesas Technology Corp HD74LV166A Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74LV166A
Rev.3.00 Jun. 04, 2004 page 6 of 9
Switching Characteristics
VCC = 2.5 ± 0.2 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
50
80
45
CL = 15 pF
Maximum clock
frequency
fmax
40
65
35
MHz
CL = 50 pF
12.2
19.8
1.0
22.0
CL = 15 pF
tPLH/tPHL
15.3
23.3
1.0
26.0
CL = 50 pF
CLK
10.8
16.0
1.0
18.0
CL = 15 pF
Propagation
delay time
tPHL
14.2
19.5
1.0
22.0
ns
CL = 50 pF
CLR
QH
6.0
——7.0
CLR inactive before
CLK
7.0
7.0
CLK INH before CLK
6.5
8.5
Data before CLK
7.0
——8.5
SH/
LD high before CLK
Setup time
tsu
8.5
——9.5
ns
SER before CLK
Hold time
th
–0.5
0.0
ns
PAR data after SH/
LD ↑
–0.5
0.0
SER data after CLK
–0.5
0.0
SH/LD high after CLK
Pulse width
tw
8.0
——9.0
ns
CLR low
8.5
9.0
CLK H or L
VCC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
65
115
55
CL = 15 pF
Maximum clock
frequency
fmax
60
90
50
MHz
CL = 50 pF
8.6
15.4
1.0
18.0
CL = 15 pF
tPLH/tPHL
10.9
18.9
1.0
21.5
CL = 50 pF
CLK
7.9
12.5
1.0
15.0
CL = 15 pF
Propagation
delay time
tPHL
10.4
16.3
1.0
18.5
ns
CL = 50 pF
CLR
QH
4.0
——4.0
CLR inactive before
CLK
5.0
5.0
CLK INH before CLK
5.0
6.0
Data before CLK
5.0
——6.0
SH/
LD high before CLK
Setup time
tsu
5.0
——6.0
ns
SER before CLK
0.0
0.0
PAR data after SH/
LD ↑
0.0
0.0
SER data after CLK
Hold time
th
0.0
——0.0
ns
SH/LD high after CLK
6.0
——7.0
CLR low
Pulse width
tw
6.0
——7.0
ns
CLK H or L


Similar Part No. - HD74LV166A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Renesas Technology Corp
HD74LV166A7 RENESAS-HD74LV166A7 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
HD74LV166AFPEL RENESAS-HD74LV166AFPEL Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
HD74LV166AFPEL RENESAS-HD74LV166AFPEL Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
HD74LV166ATELL RENESAS-HD74LV166ATELL Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
More results

Similar Description - HD74LV166A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC166 HITACHI-HD74HC166 Datasheet
57Kb / 10P
   Parallel-load 8-bit Shift Register
logo
Unisonic Technologies
U74HC165 UTC-U74HC165_15 Datasheet
276Kb / 7P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
U74HCT165 UTC-U74HCT165_15 Datasheet
259Kb / 8P
   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Texas Instruments
SN74HC166A-Q1 TI1-SN74HC166A-Q1 Datasheet
620Kb / 16P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
SN74HC166A-EP TI1-SN74HC166A-EP Datasheet
384Kb / 13P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTER
logo
Renesas Technology Corp
HD74LV166A RENESAS-HD74LV166A_10 Datasheet
108Kb / 10P
   Parallel-Load 8-bit Shift Register
logo
Hitachi Semiconductor
HD74LV165A HITACHI-HD74LV165A Datasheet
75Kb / 17P
   Parallel-Load 8-bit Shift Register
HD74LV166A HITACHI-HD74LV166A Datasheet
73Kb / 16P
   Parallel-Load 8-bit Shift Register
logo
Texas Instruments
SN74ALS166 TI-SN74ALS166_08 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
SN74ALS166 TI-SN74ALS166_07 Datasheet
505Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com