Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM8610TR Datasheet(PDF) 9 Page - Power Analog Micoelectronics

Part # PAM8610TR
Description  10W Stereo Class-D Audio Power Amplifier with DC Volume Control
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8610TR Datasheet(HTML) 9 Page - Power Analog Micoelectronics

Back Button PAM8610TR Datasheet HTML 5Page - Power Analog Micoelectronics PAM8610TR Datasheet HTML 6Page - Power Analog Micoelectronics PAM8610TR Datasheet HTML 7Page - Power Analog Micoelectronics PAM8610TR Datasheet HTML 8Page - Power Analog Micoelectronics PAM8610TR Datasheet HTML 9Page - Power Analog Micoelectronics PAM8610TR Datasheet HTML 10Page - Power Analog Micoelectronics PAM8610TR Datasheet HTML 11Page - Power Analog Micoelectronics PAM8610TR Datasheet HTML 12Page - Power Analog Micoelectronics PAM8610TR Datasheet HTML 13Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Typical Performance Characteristics
9
,
Power Analog Microelectronics Inc
08/2008 Rev 1.2
PAM8610
10W Stereo Class-D Audio Power Amplifier with DC Volume Control
www.poweranalog.com
7. THD
vs. Power
+N
8. THD
vs. Power
+N
9. THD
vs. Power
+N
10. THD+N vs Frequency
11. THD+N vs Frequency (Po=1W)
V =12V,R =4
Gv=24dB,
°C, unless otherwise noted.
DD
L
Ω,
Τ =25
Α
12. THD+N vs Frequency (Po=3W)
0.02
10
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Gv=18dB
Gv=32dB
Gv=12dB
0.05
10
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Po=5W
Po=1W
Po=3W
0.05
10
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
V =15V
DD
V =12V
DD
V=7V
DD
0.01
100
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
%
10m
30
20m
50m
100m
200m
500m
1
2
5
10
20
W
V =15V
DD
V =12V
DD
V=7V
DD
0.01
100
0.02
0.05
0. 1
0. 2
0. 5
1
2
5
10
20
50
%
10m
20
20m
50m
100m
200m
500m
1
2
5
10
W
Gv=12dB
Gv=18dB
Gv=32dB
0.01
100
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
%
10m
20
20m
50m
100m
200m
500m
1
2
5
10
W
f=10kHz
f=500Hz
f=100Hz


Similar Part No. - PAM8610TR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8610TR DIODES-PAM8610TR Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

Similar Description - PAM8610TR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA2603 ANPEC-APA2603 Datasheet
503Kb / 25P
   3W Stereo Class D Audio Power Amplifier (with DC Volume Control)
logo
Power Analog Micoelectr...
PAM8606 PAM-PAM8606 Datasheet
292Kb / 16P
   6W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Texas Instruments
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2_06 Datasheet
511Kb / 34P
[Old version datasheet]   3-Q STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
List of Unclassifed Man...
TMPA208DS ETC1-TMPA208DS Datasheet
179Kb / 8P
   2.5W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH VOLUME CONTROL
logo
Texas Instruments
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com