Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD29029 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD29029
Description  Dual CCD Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD29029 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD29029 Datasheet HTML 1Page - Renesas Technology Corp HD29029 Datasheet HTML 2Page - Renesas Technology Corp HD29029 Datasheet HTML 3Page - Renesas Technology Corp HD29029 Datasheet HTML 4Page - Renesas Technology Corp HD29029 Datasheet HTML 5Page - Renesas Technology Corp HD29029 Datasheet HTML 6Page - Renesas Technology Corp HD29029 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HD29029
Rev.2.00, Jul.16.2004, page 2 of 6
Function Table
Input A
Output Y
HL
LH
H: High level
L: Low level
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply Voltage
V
CC*
1
15
V
Input Voltage
V
IN
7V
Output Current
I
O(peak)
±0.5
A
Operating Temperature
Ta
–20 to +75
°C
Storage Temperature
Tstg
–65 to +150
°C
Junction Temperature
Tj
150
°C
Power Dissipation per Package
P
T*
2
0.735
W
Notes: 1. The voltage value is defined with respect to grund terminal unless otherwise noted.
2. The total power dissipation is at Ta = 25°C. When driving large capacity with high frequency radiation is
needed. There fore, delating with 5.9 mW/°C must be done as shown below.
3. The absolute maximum ratings are values which must not individually be eceeded, and furthermore, no two
of which may be realized at same time.
1.0
0.735
0.5
0
–20
25
75
50
0
T(°C)
a
PT
(W)
0.44
1000
750
500
250
0
1.0
3.0 5.0
10.0
30.0
T = 75
a
°C
V
= 13.0 V
CC
V
= 12.0 V
CC
V
= 9.0 V
CC
V
= 8.0 V
CC
Operating Frequency f (MHz)


Similar Part No. - HD29029

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD29029 ETC-HD29029 Datasheet
21Kb / 5P
   Dual CCD Drivers
More results

Similar Description - HD29029

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD29026A RENESAS-HD29026A Datasheet
115Kb / 12P
   Dual CCD Drivers
logo
List of Unclassifed Man...
HD29029 ETC-HD29029 Datasheet
21Kb / 5P
   Dual CCD Drivers
logo
Renesas Technology Corp
J205001_HD29026A RENESAS-J205001_HD29026A Datasheet
235Kb / 18P
   Dual CCD Drivers
logo
List of Unclassifed Man...
HD29026A ETC-HD29026A Datasheet
47Kb / 12P
   Dual CCD Drivers
logo
Hitachi Semiconductor
HD29026A HITACHI-HD29026A Datasheet
72Kb / 16P
   Dual CCD Drivers
logo
Toshiba Semiconductor
TB62802F TOSHIBA-TB62802F Datasheet
261Kb / 19P
   CCD Clock Drivers
TB62802FG TOSHIBA-TB62802FG Datasheet
262Kb / 20P
   CCD Clock Drivers
logo
Texas Instruments
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55110A TI-SN55110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com