Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM3101CCA310 Datasheet(PDF) 8 Page - Power Analog Micoelectronics

Part # PAM3101CCA310
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101CCA310 Datasheet(HTML) 8 Page - Power Analog Micoelectronics

Back Button PAM3101CCA310 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3101CCA310 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3101CCA310 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3101CCA310 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3101CCA310 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3101CCA310 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3101CCA310 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3101CCA310 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3101CCA310 Datasheet HTML 12Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Typical Performance Characteristics
8
5. Dropout Voltage vs Output Current
V= 1.8V
O
V= 2.5V
O
V= 3.3V
O
0
200
400
600
800
1000
0
50
100
150
200
250
300
Output Current (mA)
0
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
300
Output Current (mA)
0
20
40
60
80
100
120
140
160
180
200
0
50
100
150
200
250
300
Output Current (mA)
V = 1.8V,I =300mA
OO
V= 2.5V
O
,I =300mA
O
V= 3.3V
O
,I =300mA
O
6. Dropout Voltage vs Temperature
700
750
800
850
900
950
25
45
65
85
105
125
Temperature (
℃)
200
250
300
350
400
450
25
45
65
85
105
125
Temperature (
℃)
0
50
100
150
200
250
25
45
65
85
105
125
Temperature (
℃)
09/2008 Rev 1.4
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator


Similar Part No. - PAM3101CCA310

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101CAA150 PAM-PAM3101CAA150 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101CAA180 PAM-PAM3101CAA180 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101CAA250 PAM-PAM3101CAA250 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101CAA280 PAM-PAM3101CAA280 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101CAA285 PAM-PAM3101CAA285 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
More results

Similar Description - PAM3101CCA310

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSP2132 FOSLINK-FSP2132 Datasheet
719Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2134 FOSLINK-FSP2134 Datasheet
714Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
FSP2131 FOSLINK-FSP2131 Datasheet
718Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101_13 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2130 FOSLINK-FSP2130 Datasheet
718Kb / 11P
   300MA HIGH PSRR LOW DROPOUT CMOS LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP2133 FOSLINK-FSP2133 Datasheet
427Kb / 8P
   300MA ADJUSTABLE HIGH PSRR CMOS LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com