Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD151TS304RP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD151TS304RP
Description  Spread Spectrum Clock for EMI Solution
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS304RP Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD151TS304RP Datasheet HTML 1Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 2Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 3Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 4Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 5Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 6Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 7Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 8Page - Renesas Technology Corp HD151TS304RP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HD151TS304RP
Rev.6.00 Apr 07, 2006 page 5 of 9
AC Electrical Characteristics / Clock Output & SSC Clock Output
Ta = 25°C, VDD = 3.3 V, CL = 30 pF
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Notes
| 250 |
| 300 |
SSCCLKOUT,
24 MHz
| 250 |
| 300 |
SSCCLKOUT,
48 MHz
SSCOFF
SEL1:0 = 10
Figure 1
| 250 |
| 300 |
SSCCLKOUT,
24 MHz
| 250 |
| 300 |
SSCCLKOUT,
48 MHz
SSC=
±0.25%
SEL1:0 = 11
Figure 1
| 250 |
| 300 |
SSCCLKOUT,
24 MHz
| 250 |
| 300 |
SSCCLKOUT,
48 MHz
SSC=
±1.5%
SEL1:0 = 01
Figure1
Cycle to cycle jitter
*1, 2
tCCS
| 250 |
| 300 |
ps
CLKOUT,
24 MHz & 48MHz
Figure1
23.8
24.2
SSCCLKOUT,
XIN = 24 MHz
47.3
48.7
SSCCLKOUT,
XIN = 48 MHz
SSCOFF
SEL1:0 = 10
23.7
24.3
SSCCLKOUT,
XIN = 24 MHz
47.2
48.8
SSCCLKOUT,
XIN = 48 MHz
SSC=
±0.25%
SEL1:0 = 11
23.4
24.6
SSCCLKOUT,
XIN = 24 MHz
46.6
49.4
SSCCLKOUT,
XIN = 48 MHz
SSC=
±1.5%
SEL1:0 = 01
23.8
24.2
CLKOUT,
24 MHz
Output frequency
*1, 2
47.3
48.7
MHz
CLKOUT,
48 MHz
Slew rate
*1
tSL
1.0
V/ns
@48 MHz CLKOUT
0.4 V to 2.4 V
Clock duty cycle
*1
45
50
55
%
Output impedance
*1
30
Spread spectrum
modulation frequency
*1
33
KHz
@48 MHz
SSCCLKOUT
Input clock frequency
10
60
MHz
Stabilization time
*1,3
2
ms
Notes:
1. Parameters are target of design. Not 100% tested in production.
2. Cycle to cycle jitter and output frequency are included spread spectrum modulation.
3. Stabilization time is the time required for the integrated circuit to obtain phase lock of its input signal after power up.
SSCCLKOUT
(or CLKOUT)
tcycle n
t
= (tcycle n) - (tcycle n+1)
CCS
tcycle n+1
Figure 1 Cycle to cycle jitter


Similar Part No. - HD151TS304RP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD151TS304ARP RENESAS-HD151TS304ARP Datasheet
75Kb / 12P
   Spread Spectrum Clock for EMI Solution
HD151TS304ARPEL RENESAS-HD151TS304ARPEL Datasheet
75Kb / 12P
   Spread Spectrum Clock for EMI Solution
More results

Similar Description - HD151TS304RP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD151TS3313ARP RENESAS-RD151TS3313ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
HD151TS303RP RENESAS-HD151TS303RP Datasheet
183Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
RD151TS3314ARP RENESAS-RD151TS3314ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
RD151TS3316ARP RENESAS-RD151TS3316ARP Datasheet
93Kb / 9P
   Spread Spectrum Clock for EMI Solution
HD151TS305RP RENESAS-HD151TS305RP Datasheet
82Kb / 10P
   Spread Spectrum Clock for EMI Solution
HD151TS304ARP RENESAS-HD151TS304ARP Datasheet
75Kb / 12P
   Spread Spectrum Clock for EMI Solution
RD151TS3313ARP RENESAS-RD151TS3313ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
RD151TS3316ARP RENESAS-RD151TS3316ARP_15 Datasheet
109Kb / 11P
   Spread Spectrum Clock for EMI Solution
HD151TS307ARP RENESAS-HD151TS307ARP Datasheet
69Kb / 9P
   Spread Spectrum Clock for EMI Solution
logo
Hitachi Semiconductor
HD151TS302RP HITACHI-HD151TS302RP Datasheet
64Kb / 9P
   Spread Spectrum Clock for EMI Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com