Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD151BF854 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD151BF854
Description  2.5 V PLL Clock Buffer for DDR Applicationjpeg
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151BF854 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD151BF854_06 Datasheet HTML 1Page - Renesas Technology Corp HD151BF854_06 Datasheet HTML 2Page - Renesas Technology Corp HD151BF854_06 Datasheet HTML 3Page - Renesas Technology Corp HD151BF854_06 Datasheet HTML 4Page - Renesas Technology Corp HD151BF854_06 Datasheet HTML 5Page - Renesas Technology Corp HD151BF854_06 Datasheet HTML 6Page - Renesas Technology Corp HD151BF854_06 Datasheet HTML 7Page - Renesas Technology Corp HD151BF854_06 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.5.00 Apr 07, 2006 page 1 of 7
HD151BF854
2.5 V PLL Clock Buffer for DDR Application
REJ03D0809-0500
(Previous: ADE-205-696D)
Rev.5.00
Apr 07, 2006
Description
The HD151BF854 is a high-performance, low-skew, low-jitter, PLL clock buffer. It is specifically designed for use
with DDR (Double Data Rate) PC motherboard application.
Features
• Designed for DDR200/266/333/400 PC mother board clock buffering
• Supports 60 MHz to 210 MHz operation range
• Distributes one to six differential clock outputs pairs
• Spread spectrum clock compatible
• External feedback pin (FBIN) is used to synchronize the outputs to the clock input
• Supports 2.5 V analog supply voltage (AVDD), and 2.5 V VDD
Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD151BF854SSEL
SSOP-28 pin
PRSP0028JA-A
(FP-28DSAV)
SS
EL (1,000 pcs / Reel)
Key Specifications
• Supply voltages: VDD = AVDD = 2.5 V±0.2 V
• Output clock cycle to cycle jitter = ±75 ps
• Output clock pin to pin skew = 150 ps
Function Table
Inputs
Outputs
AVDD
CLK
Yn
Yn
FBOUT
PLL
GND
L
L
H
L
Bypass / Off
GND
H
H
L
H
Bypass / Off
2.5 V (typ.)
L
L
H
L
Running
2.5 V (typ.)
H
H
L
H
Running
H: High level
L: Low level


Similar Part No. - HD151BF854_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD151BF854SSEL RENESAS-HD151BF854SSEL Datasheet
91Kb / 13P
   2.5 V PLL Clock Buffer for DDR Application
More results

Similar Description - HD151BF854_06

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD151BF854 RENESAS-HD151BF854 Datasheet
91Kb / 13P
   2.5 V PLL Clock Buffer for DDR Application
logo
Cypress Semiconductor
CY7B995 CYPRESS-CY7B995_11 Datasheet
538Kb / 17P
   2.5/3.3 V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
logo
Pericom Semiconductor C...
PI6CV857 PERICOM-PI6CV857 Datasheet
340Kb / 9P
   PLL Clock Driver for 2.5V DDR-SDRAM Memory
logo
Texas Instruments
CDCVF310 TI-CDCVF310 Datasheet
148Kb / 12P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
CDCVF2310PW TI-CDCVF2310PW Datasheet
736Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
logo
Renesas Technology Corp
MPC9456 RENESAS-MPC9456 Datasheet
451Kb / 14P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
2019
logo
Texas Instruments
CDCVF310 TI1-CDCVF310_15 Datasheet
767Kb / 16P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
logo
Freescale Semiconductor...
MPC9446 FREESCALE-MPC9446 Datasheet
330Kb / 12P
   2.5 V and 3.3 V LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2P2310A PULSECORE-ASM2P2310A Datasheet
462Kb / 11P
   2.5-V TO 3.3-V High-Performance Clock Buffer
logo
Texas Instruments
CDCVF2310 TI-CDCVF2310 Datasheet
135Kb / 11P
[Old version datasheet]   2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com