Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD151015 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD151015
Description  9 bit Level Shifter/Transceiver With 3 State Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151015 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD151015 Datasheet HTML 1Page - Renesas Technology Corp HD151015 Datasheet HTML 2Page - Renesas Technology Corp HD151015 Datasheet HTML 3Page - Renesas Technology Corp HD151015 Datasheet HTML 4Page - Renesas Technology Corp HD151015 Datasheet HTML 5Page - Renesas Technology Corp HD151015 Datasheet HTML 6Page - Renesas Technology Corp HD151015 Datasheet HTML 7Page - Renesas Technology Corp HD151015 Datasheet HTML 8Page - Renesas Technology Corp HD151015 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HD151015
Rev.5.00, May 10, 2006, page 4 of 10
Switching Characteristics
Ta = 25°C
VCCA = 3.0 V, VCCB = 5.0 V
Ta = –40 to 85°C
VCC = 2.7 V, VCCB = 4.5 V
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Conditions
Propagation Delay Time tPLH
1.0
5.0
10.0
1.0
12.0
ns
B
→ A
1.0
5.0
10.0
1.0
12.0
A
→ B
tPHL
1.0
5.0
10.0
1.0
12.0
ns
B
→ A
1.0
5.0
10.0
1.0
12.0
A
→ B
Output Enable Time
tZH
1.0
8.0
16.0
1.0
20.0
ns
G → A
1.0
8.0
16.0
1.0
20.0
G → B
tZL
1.0
9.0
16.0
1.0
20.0
ns
G → A
1.0
9.0
16.0
1.0
20.0
G → A
Output Disable Time
tHZ
1.0
9.0
16.0
1.0
20.0
ns
G → A
1.0
9.0
16.0
1.0
20.0
G → B
tLZ
1.0
8.0
16.0
1.0
20.0
ns
G → A
1.0
8.0
16.0
1.0
20.0
G → B
Input and Output Equivalent Circuit
VCCA
A
BUS A
B
BUS B
CCB
V
VCCA
G
DIR
Input DIR,G


Similar Part No. - HD151015

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD151015 HITACHI-HD151015 Datasheet
80Kb / 13P
   9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Renesas Technology Corp
HD151015 RENESAS-HD151015_15 Datasheet
202Kb / 11P
   9 bit Level Shifter/Transceiver With 3 State Outputs
More results

Similar Description - HD151015

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD151015 HITACHI-HD151015 Datasheet
80Kb / 13P
   9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Renesas Technology Corp
HD151015 RENESAS-HD151015_15 Datasheet
202Kb / 11P
   9 bit Level Shifter/Transceiver With 3 State Outputs
logo
Texas Instruments
SN74ALS29863 TI1-SN74ALS29863_15 Datasheet
145Kb / 8P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALS29863 TI-SN74ALS29863 Datasheet
81Kb / 5P
[Old version datasheet]   9-BIT TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC863A TI-SN74LVC863A Datasheet
137Kb / 9P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74FR9245 FAIRCHILD-74FR9245 Datasheet
54Kb / 6P
   9-Bit Bidirectional Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74BCT29864B TI1-SN74BCT29864B Datasheet
176Kb / 7P
[Old version datasheet]   9-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F350 FAIRCHILD-74F350 Datasheet
74Kb / 8P
   4-Bit Shifter with 3-STATE Outputs
logo
Motorola, Inc
MC74AC350 MOTOROLA-MC74AC350 Datasheet
232Kb / 9P
   4-BIT SHIFTER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74F350 TI1-SN74F350 Datasheet
140Kb / 4P
[Old version datasheet]   4-BIT SHIFTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com