Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM3105GNDCA150 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM3105GNDCA150
Description  0.5A Low Voltage- Low Dropout CMOS Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3105GNDCA150 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM3105GNDCA150 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3105GNDCA150 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3105GNDCA150 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3105GNDCA150 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3105GNDCA150 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3105GNDCA150 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3105GNDCA150 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3105GNDCA150 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3105GNDCA150 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Electrical Characteristic
V
V
C, C =4.7uF, C =2.2uF, unless otherwise noted.
IN
O
IN
O
O
A
=
+0.5V, T =25
3
08/2007
PAM3105
0.5A Low Voltage- Low Dropout CMOS Regulator
Parameters
Symbol
Test Conditions
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
Note 1
3.6
V
Output Voltage
Accuracy
Vo
Io=50mA
-2
2
%
Vo=0.9V
330
450
Vo=1.0V
220
350
2.5V>Vo
≥1.2V
20
150
IO=100mA
Vo
≥2.5V
10
100
Vo=0.9V
330
500
Vo=1.0V
220
400
2.5V>Vo
≥1.2V
50
200
Dropout Voltage
VDROP
IO=500mA
Vo
≥2.5V
40
150
mV
Quiescent Current
IQ
Io=0mA
90
150
uA
Ground Pin Current
IGND
Io=1mA to 500mA
95
300
uA
Vo
≤2.5V,Io=10mA
VIN =Vo+0.5V to Vo+1.5V
Line Regulation
LNR
Vo
>2.5V,Io=10mA
VIN =3.3V to 3.6V
0.1
1
%/V
Load Regulation
LDR
Io=1mA to 500mA, VIN =Vo+0.5V
0.2
1.5
%
Over Temperature
Shutdown
OTS
150
Over Temperature
Hysteresis
OTH
50
Temperature Coefficient
TC
40
ppm/
f=100Hz
65
f=1KHz
60
Power Supply Ripple
Rejection
PSRR
Io=100mA, Vo=0.9V
f=10KHz
40
dB
Output Noise
Vn
f=10Hz to 100kHz
40
uVrms
Note1: The minimum input voltage (V
) of the PAM3105 is determined by output voltage and dropout
voltage. The minimum input voltage is defined as:
V=V +V
IN(MIN)
IN(MIN)
O
drop
,
Power Analog Microelectronics Inc
www.poweranalog.com


Similar Part No. - PAM3105GNDCA150

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM3101 PAM-PAM3101 Datasheet
493Kb / 24P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
493Kb / 24P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA150 PAM-PAM3101AAA150 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
493Kb / 24P
   300mA High PSRR Low Dropout CMOS Linear Regulator
PAM3101AAA180 PAM-PAM3101AAA180 Datasheet
1Mb / 26P
   300mA High PSRR Low Dropout CMOS Linear Regulator
More results

Similar Description - PAM3105GNDCA150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
L88M05T ONSEMI-L88M05T Datasheet
489Kb / 8P
   17V, 5V / 0.5A Low Dropout Voltage Regulator
February, 2014
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Seiko Instruments Inc
S-1212B33-V5T2U SII-S-1212B33-V5T2U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ACE Technology Co., LTD...
ACE500EC ACE-ACE500EC Datasheet
984Kb / 9P
   Low-Dropout CMOS Voltage Regulator
VER 1.2
logo
GTM CORPORATION
G5U2178 GTM-G5U2178 Datasheet
579Kb / 6P
   CMOS Low Dropout Voltage Regulator
logo
Seiko Instruments Inc
S-814 SII-S-814 Datasheet
518Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S818 SII-S818 Datasheet
366Kb / 23P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
GTM CORPORATION
GL2137 GTM-GL2137 Datasheet
401Kb / 5P
   CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
ABLIC Inc.
S-818 ABLIC-S-818 Datasheet
487Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S814 SII-S814 Datasheet
525Kb / 32P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com