Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C60223-SXC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C60223-SXC
Description  enCoRe??II Low Voltage Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C60223-SXC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C60223-SXC Datasheet HTML 1Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 2Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 3Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 4Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 5Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 6Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 7Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 8Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
CY7C601xx, CY7C602xx
Document 38-16016 Rev. *D
Page 5 of 67
23
19
13
9
9
16
P0.0/CLKIN
GPIO Port 0 bit 0—Configured individually
On CY7C601xx, optional Clock In when external oscillator is
disabled or external oscillator input when external oscillator is
enabled.
On CY7C602xx, oscillator input when configured as Clock In.
22
18
12
8
8
15
P0.1/CLKOUT GPIO Port 0 bit 1—Configured individually
On CY7C601xx, optional Clock Out when external oscillator is
disabled or external oscillator output drive when external oscil-
lator is enabled.
On CY7C602xx, oscillator output when configured as Clock Out.
21
17
11
7
7
14
P0.2/INT0
GPIO port 0 bit 2—Configured individually
Optional rising edge interrupt INT0.
20
16
10
6
6
13
P0.3/INT1
GPIO port 0 bit 3—Configured individually
Optional rising edge interrupt INT1.
19
15
9
5
5
12
P0.4/INT2
GPIO port 0 bit 4—Configured individually
Optional rising edge interrupt INT2.
18
14
8
4
4
11
P0.5/TIO0
GPIO port 0 bit 5—Configured individually
Alternate function timer capture inputs or timer output TIO0.
17
13
7
3
3
10
P0.6/TIO1
GPIO port 0 bit 6—Configured individually
Alternate function timer capture inputs or timer output TIO1.
16
12
6
2
2
9
P0.7
GPIO port 0 bit 7—Configured individually
1,2,3,
4
1
1
7
NC
No connect
45,46,
47,48
12
24
8
NC
No connect
51
17
VDD
Power
27
23
1
16
15
22
44
40
14
VSS
Ground
24
20
28
13
12
19
Table 6-1. Pin Assignments (continued)
48
SSOP
40
PDIP
28
SSOP
24
QSOP
24
SOIC
24
PDIP
Name
Description
[+] Feedback


Similar Part No. - CY7C60223-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C60223-SXC CYPRESS-CY7C60223-SXC Datasheet
1Mb / 62P
   enCoRe??II Low Voltage Microcontroller
CY7C60223-SXC CYPRESS-CY7C60223-SXC Datasheet
1Mb / 68P
   enCoRe II Low Voltage Microcontroller
CY7C60223-SXC CYPRESS-CY7C60223-SXC Datasheet
1Mb / 68P
   enCoRe II Low Voltage Microcontroller
CY7C60223-SXC CYPRESS-CY7C60223-SXC Datasheet
1Mb / 68P
   enCoRe??II Low-Voltage Microcontroller Master or slave operation
More results

Similar Description - CY7C60223-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C601XX CYPRESS-CY7C601XX Datasheet
1Mb / 62P
   enCoRe??II Low Voltage Microcontroller
CY7C601XX CYPRESS-CY7C601XX_09 Datasheet
1Mb / 68P
   enCoRe II Low Voltage Microcontroller
CY7C601XX_09 CYPRESS-CY7C601XX_09_09 Datasheet
1Mb / 68P
   enCoRe II Low Voltage Microcontroller
CY7C604XX CYPRESS-CY7C604XX_09 Datasheet
727Kb / 30P
   enCoRe V Low Voltage Microcontroller
CY7C601XX CYPRESS-CY7C601XX_11 Datasheet
1Mb / 68P
   enCoRe??II Low-Voltage Microcontroller Master or slave operation
CY7C604XX CYPRESS-CY7C604XX_13 Datasheet
887Kb / 38P
   enCoRe??V Low Voltage Microcontroller
CY7C60445_0810 CYPRESS-CY7C60445_0810 Datasheet
772Kb / 28P
   enCoRe??V Low Voltage Microcontroller
CY7C60445 CYPRESS-CY7C60445_08 Datasheet
666Kb / 27P
   enCoRe??V Low Voltage Microcontroller
CY7C60445 CYPRESS-CY7C60445 Datasheet
617Kb / 26P
   enCoRe??V Low Voltage Microcontroller
CY7C604XX CYPRESS-CY7C604XX Datasheet
727Kb / 30P
   enCoRe V Low Voltage Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com