Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C60223-SXC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C60223-SXC
Description  enCoRe??II Low Voltage Microcontroller
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C60223-SXC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C60223-SXC Datasheet HTML 1Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 2Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 3Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 4Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 5Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 6Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 7Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 8Page - Cypress Semiconductor CY7C60223-SXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
CY7C601xx, CY7C602xx
Document 38-16016 Rev. *D
Page 4 of 67
6.1 Pin Assignments
Table 6-1. Pin Assignments
48
SSOP
40
PDIP
28
SSOP
24
QSOP
24
SOIC
24
PDIP
Name
Description
7
3
P4.0
GPIO Port 4—configured as a group (nibble)
62
P4.1
42
38
P4.2
43
39
P4.3
34
30
19
18
1
P3.0
GPIO Port 3—configured as a group (byte)
35
31
20
19
2
P3.1
36
32
P3.2
37
33
P3.3
38
34
24
P3.4
39
35
25
P3.5
40
36
26
P3.6
41
37
27
P3.7
15
11
11
11
18
P2.0
GPIO Port 2—configured as a group (byte)
14
10
10
10
17
P2.1
13
9
P2.2
12
8
P2.3
11
7
5
P2.4
10
6
4
P2.5
95
3
P2.6
84
2
P2.7
25
21
15
14
13
20
P1.0
GPIO Port 1 bit 0
If this pin is used as a general purpose output it draws current.
It is, therefore, configured as an input to reduce current draw.
26
22
16
15
14
21
P1.1
GPIO Port 1 bit 1
If this pin is used as a general purpose output it draws current.
It is, therefore, configured as an input to reduce current draw.
28
24
18
17
16
23
P1.2
GPIO Port 1 bit 2
29
25
19
18
17
24
P1.3/SSEL
GPIO Port 1 bit 3—Configured individually
Alternate function is SSEL signal of the SPI bus.
30
26
20
21
20
3
P1.4/SCLK
GPIO Port 1 bit 4—Configured individually
Alternate function is SCLK signal of the SPI bus.
31
27
21
22
21
4
P1.5/SMOSI
GPIO Port 1 bit 5—Configured individually
Alternate function is SMOSI signal of the SPI bus.
32
28
22
23
22
5
P1.6/SMISO
GPIO Port 1 bit 6—Configured individually
Alternate function is SMISO signal of the SPI bus.
33
29
23
24
23
6
P1.7
GPIO Port 1 bit 7—Configured individually
TTL voltage threshold.
[+] Feedback


Similar Part No. - CY7C60223-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C60223-SXC CYPRESS-CY7C60223-SXC Datasheet
1Mb / 62P
   enCoRe??II Low Voltage Microcontroller
CY7C60223-SXC CYPRESS-CY7C60223-SXC Datasheet
1Mb / 68P
   enCoRe II Low Voltage Microcontroller
CY7C60223-SXC CYPRESS-CY7C60223-SXC Datasheet
1Mb / 68P
   enCoRe II Low Voltage Microcontroller
CY7C60223-SXC CYPRESS-CY7C60223-SXC Datasheet
1Mb / 68P
   enCoRe??II Low-Voltage Microcontroller Master or slave operation
More results

Similar Description - CY7C60223-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C601XX CYPRESS-CY7C601XX Datasheet
1Mb / 62P
   enCoRe??II Low Voltage Microcontroller
CY7C601XX CYPRESS-CY7C601XX_09 Datasheet
1Mb / 68P
   enCoRe II Low Voltage Microcontroller
CY7C601XX_09 CYPRESS-CY7C601XX_09_09 Datasheet
1Mb / 68P
   enCoRe II Low Voltage Microcontroller
CY7C604XX CYPRESS-CY7C604XX_09 Datasheet
727Kb / 30P
   enCoRe V Low Voltage Microcontroller
CY7C601XX CYPRESS-CY7C601XX_11 Datasheet
1Mb / 68P
   enCoRe??II Low-Voltage Microcontroller Master or slave operation
CY7C604XX CYPRESS-CY7C604XX_13 Datasheet
887Kb / 38P
   enCoRe??V Low Voltage Microcontroller
CY7C60445_0810 CYPRESS-CY7C60445_0810 Datasheet
772Kb / 28P
   enCoRe??V Low Voltage Microcontroller
CY7C60445 CYPRESS-CY7C60445_08 Datasheet
666Kb / 27P
   enCoRe??V Low Voltage Microcontroller
CY7C60445 CYPRESS-CY7C60445 Datasheet
617Kb / 26P
   enCoRe??V Low Voltage Microcontroller
CY7C604XX CYPRESS-CY7C604XX Datasheet
727Kb / 30P
   enCoRe V Low Voltage Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com