Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAM2800 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM2800
Description  High Power White LED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2800 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

  PAM2800 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2800 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2800 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2800 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2800 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2800 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2800 Datasheet HTML 7Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering Information
6
Shipping Package
Number of Pins
Package Type
Pin Configuration
PAM2800 XXXX
PAM2800
High Power White LED Driver
09/2008 Rev 1.1
Pin Configuration
Package Type
Number of Pins
Shipping Package
AType
1. VIN
2. GND
3. EN
4. FB
5. VOUT
A
:SOT-23
B
:5R:Tape & Reel
,
Power Analog Microelectronics Inc
Part Number
Output Current
Marking
Package Type
MOQ
PAM2800AABR
350mA
EGAYW
SOT23-5
3,000 Units/Tape&Reel
www.poweranalog.com


Similar Part No. - PAM2800

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2800 DIODES-PAM2800 Datasheet
201Kb / 7P
   HIGH POWER WHITE LED DRIVER
PAM2800AABR DIODES-PAM2800AABR Datasheet
293Kb / 7P
   HIGH POWER WHITE LED DRIVER
December 2016
More results

Similar Description - PAM2800

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1519 YOBON-YB1519 Datasheet
271Kb / 7P
   High-Power White LED Driver
logo
STMicroelectronics
STCF02 STMICROELECTRONICS-STCF02 Datasheet
223Kb / 4P
   High Power White Led Driver
logo
YOBON TECHNOLOGIES,INC.
YB1509 YOBON-YB1509 Datasheet
96Kb / 7P
   High-Power White LED Driver
logo
Diodes Incorporated
PAM2800AABR DIODES-PAM2800AABR Datasheet
293Kb / 7P
   HIGH POWER WHITE LED DRIVER
December 2016
PAM2800 DIODES-PAM2800 Datasheet
201Kb / 7P
   HIGH POWER WHITE LED DRIVER
logo
STMicroelectronics
STCF02 STMICROELECTRONICS-STCF02_07 Datasheet
701Kb / 19P
   High power white led driver
logo
Diodes Incorporated
PAM2803 DIODES-PAM2803 Datasheet
392Kb / 9P
   3W HIGH POWER WHITE LED DRIVER
logo
Power Analog Micoelectr...
PAM2801 PAM-PAM2801 Datasheet
270Kb / 9P
   1W High Power White LED Driver
PAM2803 PAM-PAM2803 Datasheet
211Kb / 8P
   3W High Power White LED Driver
logo
FOSLINK SEMICONDUCTOR C...
FSP3604 FOSLINK-FSP3604 Datasheet
559Kb / 6P
   3W HIGH POWER WHITE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com