Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDM311 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FSDM311
Description  Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSDM311 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FSDM311 Datasheet HTML 5Page - Fairchild Semiconductor FSDM311 Datasheet HTML 6Page - Fairchild Semiconductor FSDM311 Datasheet HTML 7Page - Fairchild Semiconductor FSDM311 Datasheet HTML 8Page - Fairchild Semiconductor FSDM311 Datasheet HTML 9Page - Fairchild Semiconductor FSDM311 Datasheet HTML 10Page - Fairchild Semiconductor FSDM311 Datasheet HTML 11Page - Fairchild Semiconductor FSDM311 Datasheet HTML 12Page - Fairchild Semiconductor FSDM311 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0365, FSQ0265, FSQ0165, FSQ321, FSQ311 Rev. 1.0.5
9
Typical Performance Characteristics
These characteristic graphs are normalized at TA= 25°C.
Figure 4. Operating Supply Current (IOP) vs. TA
Figure 5. UVLO Start Threshold Voltage (VSTART)
vs. TA
Figure 6. UVLO Stop Threshold Voltage (VSTOP)
vs. TA
Figure 7. Start-up Charging Current (ICH) vs. TA
Figure 8. Initial Switching Frequency (fS) vs. TA
Figure 9. Maximum On Time (tON.MAX) vs. TA
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]
-25
0
25
50
75
100
125
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Temperature [°C]


Similar Part No. - FSDM311

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM311 FAIRCHILD-FSDM311 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS TM)
FSDM311A FAIRCHILD-FSDM311A Datasheet
720Kb / 12P
   Green Mode Fairchild Power Switch (FPS??
FSDM311L FAIRCHILD-FSDM311L Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311L FAIRCHILD-FSDM311L Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS TM)
More results

Similar Description - FSDM311

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ510MX FAIRCHILD-FSQ510MX Datasheet
1Mb / 14P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510_08 Datasheet
534Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ0365 FAIRCHILD-FSQ0365_11 Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch for Valley Switching Converter ??Low EMI and High Efficiency
FSQ0365 FAIRCHILD-FSQ0365_07 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com