Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24C32FMB5TG Datasheet(PDF) 13 Page - STMicroelectronics

Part # M24C32FMB5TG
Description  128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32FMB5TG Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M24C32FMB5TG Datasheet HTML 9Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 10Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 11Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 12Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 13Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 14Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 15Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 16Page - STMicroelectronics M24C32FMB5TG Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
M24128, M24C64, M24C32
Device operation
13/39
4
Device operation
The device supports the I2C protocol. This is summarized in Figure 6. Any device that sends
data on to the bus is defined to be a transmitter, and any device that reads the data to be a
receiver. The device that controls the data transfer is known as the bus master, and the
other as the slave device. A data transfer can only be initiated by the bus master, which will
also provide the serial clock for synchronization. The M24C32, M24C64 and M24128
devices are always slaves in all communications.
4.1
Start condition
Start is identified by a falling edge of Serial Data (SDA) while Serial Clock (SCL) is stable in
the high state. A Start condition must precede any data transfer command. The device
continuously monitors (except during a Write cycle) Serial Data (SDA) and Serial Clock
(SCL) for a Start condition, and will not respond unless one is given.
4.2
Stop condition
Stop is identified by a rising edge of Serial Data (SDA) while Serial Clock (SCL) is stable
and driven high. A Stop condition terminates communication between the device and the
bus master. A Read command that is followed by NoAck can be followed by a Stop condition
to force the device into the Standby mode. A Stop condition at the end of a Write command
triggers the internal Write cycle.
4.3
Acknowledge bit (ACK)
The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter,
whether it be bus master or slave device, releases Serial Data (SDA) after sending eight bits
of data. During the 9th clock pulse period, the receiver pulls Serial Data (SDA) low to
acknowledge the receipt of the eight data bits.
4.4
Data Input
During data input, the device samples Serial Data (SDA) on the rising edge of Serial Clock
(SCL). For correct device operation, Serial Data (SDA) must be stable during the rising edge
of Serial Clock (SCL), and the Serial Data (SDA) signal must change only when Serial Clock
(SCL) is driven low.


Similar Part No. - M24C32FMB5TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C32 STMICROELECTRONICS-M24C32 Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24C32 STMICROELECTRONICS-M24C32 Datasheet
394Kb / 26P
   64Kbit and 32Kbit Serial I짼C Bus EEPROM
M24C32 STMICROELECTRONICS-M24C32 Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
M24C32 STMICROELECTRONICS-M24C32 Datasheet
347Kb / 38P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24C32-A125 STMICROELECTRONICS-M24C32-A125 Datasheet
604Kb / 40P
   Automotive 32-Kbit serial IC bus EEPROM with 1 MHz clock
More results

Similar Description - M24C32FMB5TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
M24C64 STMICROELECTRONICS-M24C64 Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24128-BW STMICROELECTRONICS-M24128-BW Datasheet
396Kb / 40P
   128-Kbit serial I짼C bus EEPROM
M24128-BFMC6TG STMICROELECTRONICS-M24128-BFMC6TG Datasheet
1Mb / 40P
   128-Kbit serial I짼C bus EEPROM
April 2013 Rev 23
M24C64-W STMICROELECTRONICS-M24C64-W Datasheet
465Kb / 42P
   64-Kbit serial I짼C bus EEPROM
M24C64-FDW5TP STMICROELECTRONICS-M24C64-FDW5TP Datasheet
838Kb / 45P
   64-Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W Datasheet
385Kb / 38P
   32 Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W_12 Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24C32-FDW6TP STMICROELECTRONICS-M24C32-FDW6TP Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com