Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ0265RN Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSQ0265RN
Description  Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0265RN Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSQ0265RN Datasheet HTML 1Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 2Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 3Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 4Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 5Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 6Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 7Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 8Page - Fairchild Semiconductor FSQ0265RN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0365, FSQ0265, FSQ0165, FSQ321, FSQ311 Rev. 1.0.5
3
Typical Circuit
Figure 1. Typical Flyback Application
Internal Block Diagram
Figure 2. Functional Block Diagram
Vcc
GND
Drain
Sync
VO
PWM
Vfb
AC
IN
Vstr
FSQ0365RN Rev.00
8V/12V
Vref
S
Q
Q
R
VCC
Vref
Idelay
IFB
VSD
Vovp
Sync
VOCP
S
Q
Q
R
R
3R
VCC good
Vcc
Drain
Vfb
GND
AOCP
Gate
driver
VCC good
LEB
200ns
PWM
VBurst
4
Sync
+
-
+
-
0.7V/0.2V
2.5
μs time
delay
(1.1V)
Soft-
Start
6V
6V
0.35/0.55
+
-
OSC
Vstr
TSD
3
2
8
7
6
5
FSQ0365RN Rev.00
1


Similar Part No. - FSQ0265RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0265RN FAIRCHILD-FSQ0265RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0265RN FAIRCHILD-FSQ0265RN Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSQ0265RN FAIRCHILD-FSQ0265RN Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSQ0265RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ510MX FAIRCHILD-FSQ510MX Datasheet
1Mb / 14P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510_08 Datasheet
534Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ0365 FAIRCHILD-FSQ0365_11 Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch for Valley Switching Converter ??Low EMI and High Efficiency
FSQ0365 FAIRCHILD-FSQ0365_07 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com