Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ0165RL Datasheet(PDF) 20 Page - Fairchild Semiconductor

Part # FSQ0165RL
Description  Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0165RL Datasheet(HTML) 20 Page - Fairchild Semiconductor

Back Button FSQ0165RL Datasheet HTML 16Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 17Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 18Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 19Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 20Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 21Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 22Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 23Page - Fairchild Semiconductor FSQ0165RL Datasheet HTML 24Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0365, FSQ0265, FSQ0165, FSQ321, FSQ311 Rev. 1.0.5
20
2. Transformer
Figure 32. Transformer Schematic Diagram of FSQ311
3. Winding Specification
4. Electrical Characteristics
5. Core & Bobbin
Core: EE1927 (Ae=23.4mm2)
Bobbin: EE1927
No
Pin (s
→f)
Wire
Turns
Winding Method
Np/2
3
→ 20.2φ × 1
111
Solenoid Winding, 2 Layers
Insulation: Polyester Tape t = 0.025mm, 2 Layers
Shield
1
→ open
0.1φ
× 2
Shield winding
Insulation: Polyester Tape t = 0.025mm, 1 Layer
N5V
7
→ 80.2φ × 3
15
Center Solenoid Winding
Insulation: Polyester Tape t = 0.025mm, 1 Layer
N3.3V
9
→ 8
0.2φ
× 3
10
Center Solenoid Winding
Insulation: Polyester Tape t = 0.025mm, 1 Layer
N12V
10
→ 11
0.1φ
× 1
30
Solenoid Winding
N-12V
11
→ 12
0.1φ
× 3
33
Solenoid Winding
Insulation: Polyester Tape t = 0.025mm, 1 Layer
Shield
1
→ open
0.1φ
× 2
Shield winding
Insulation: Polyester Tape t = 0.025mm, 2 Layers
NVCCV
5
→ 60.1φ × 1
36
Center Solenoid Winding
Insulation: Polyester Tape t = 0.025mm, 2 Layers
Np/2
2
→ 10.2φ × 1
111
Solenoid Winding, 2 Layers
Insulation: Polyester Tape t = 0.025mm, 4 Layers
Pin
Specification
Remarks
Inductance
1 - 3
2.1mH ± 10%
66kHz, 1V
Leakage
1 - 3
100µH Max.
Short all other pins
EE1927
1
Np/2
NVCC
2
3
5
6
Np/2
N5V
N3.3V
N12V
N-12V
12
11
10
9
8
7
3
2
11
10
12
11
6
5
2
1
Bottom of bobbin
3mm
3mm
Shield winding
(0.1~0.15
φ)
Lp/2(0.2φ)
N5V
(0.2
φ,3parallel)
N3.3V
(0.2
φ,3parallel)
N12V & N-12V
(0.1~0.15
φ)
NVcc
(0.1~0.15
φ)
Lp/2(0.2φ)
TAPE 1T
TAPE 2T
TAPE 1T
TAPE 1T
TAPE 1T
TAPE 2T
TAPE 2T
TAPE 4T
8
8
8
7
7
7
8
8
8
9
9
9
1
1
1
1
TAPE 2T
Shield winding
(0.1~0.15
φ)
TAPE 1T


Similar Part No. - FSQ0165RL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0165RL FAIRCHILD-FSQ0165RL Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSQ0165RL FAIRCHILD-FSQ0165RL Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch (FPS)
FSQ0165RLX FAIRCHILD-FSQ0165RLX Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch (FPS)
More results

Similar Description - FSQ0165RL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ510MX FAIRCHILD-FSQ510MX Datasheet
1Mb / 14P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510_08 Datasheet
534Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ0365 FAIRCHILD-FSQ0365_11 Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch for Valley Switching Converter ??Low EMI and High Efficiency
FSQ0365 FAIRCHILD-FSQ0365_07 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com