Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M24C32RMB5TG Datasheet(PDF) 34 Page - STMicroelectronics

Part # M24C32RMB5TG
Description  128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32RMB5TG Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M24C32RMB5TG Datasheet HTML 30Page - STMicroelectronics M24C32RMB5TG Datasheet HTML 31Page - STMicroelectronics M24C32RMB5TG Datasheet HTML 32Page - STMicroelectronics M24C32RMB5TG Datasheet HTML 33Page - STMicroelectronics M24C32RMB5TG Datasheet HTML 34Page - STMicroelectronics M24C32RMB5TG Datasheet HTML 35Page - STMicroelectronics M24C32RMB5TG Datasheet HTML 36Page - STMicroelectronics M24C32RMB5TG Datasheet HTML 37Page - STMicroelectronics M24C32RMB5TG Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Part numbering
M24128, M24C64, M24C32
34/39
9
Part numbering
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, please contact your nearest ST sales office.
Table 24.
Ordering information scheme
Example:
M24C32–
W MN 6
T
P /P
Device type
M24 = I2C serial access EEPROM
Device function
128–B = 128 Kbit (16384 x 8)
C64– = 64 Kbit (8192 x 8)
C32– = 32 Kbit (4096 x 8)
Operating voltage
W = VCC = 2.5 V to 5.5 V
R = VCC = 1.8 V to 5.5 V
F = VCC = 1.7 V to 5.5 V
Package
BN = PDIP8
MN = SO8 (150 mil width)
DW = TSSOP8 (169 mil width)
MB = UFDFPN8 (MLP8)
CS = WLCSP
Device grade
6 = Industrial: device tested with standard test flow over –40 to 85 °C
3 = Automotive: device tested with high reliability certified flow(1) over –40 to 125°C.
1.
ST strongly recommends the use of the Automotive Grade devices for use in an automotive environment.
The high reliability certified flow (HRCF) is described in the quality note QNEE9801. Please ask your
nearest ST sales office for a copy.
5 = Consumer: device tested with standard test flow over –20 to 85°C
Option
blank = standard packing
T = Tape and reel packing
Plating technology
P or G = ECOPACK® (RoHS compliant)
Process(2)
2.
Used only for device grade 3 and WLCSP packages.
P = F6DP26% Chartered
A = F8L Rousset (only for the WLCSP package)


Similar Part No. - M24C32RMB5TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C32R4BN1T STMICROELECTRONICS-M24C32R4BN1T Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24C32R4BN3T STMICROELECTRONICS-M24C32R4BN3T Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24C32R4BN5T STMICROELECTRONICS-M24C32R4BN5T Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24C32R4BN6T STMICROELECTRONICS-M24C32R4BN6T Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24C32R4DW1T STMICROELECTRONICS-M24C32R4DW1T Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
More results

Similar Description - M24C32RMB5TG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
M24C64 STMICROELECTRONICS-M24C64 Datasheet
149Kb / 19P
   64/32 Kbit Serial I짼C Bus EEPROM
M24128-BW STMICROELECTRONICS-M24128-BW Datasheet
396Kb / 40P
   128-Kbit serial I짼C bus EEPROM
M24128-BFMC6TG STMICROELECTRONICS-M24128-BFMC6TG Datasheet
1Mb / 40P
   128-Kbit serial I짼C bus EEPROM
April 2013 Rev 23
M24C64-W STMICROELECTRONICS-M24C64-W Datasheet
465Kb / 42P
   64-Kbit serial I짼C bus EEPROM
M24C64-FDW5TP STMICROELECTRONICS-M24C64-FDW5TP Datasheet
838Kb / 45P
   64-Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W Datasheet
385Kb / 38P
   32 Kbit serial I짼C bus EEPROM
M24C32-W STMICROELECTRONICS-M24C32-W_12 Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24C32-FDW6TP STMICROELECTRONICS-M24C32-FDW6TP Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com