Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ311L Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSQ311L
Description  Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ311L Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSQ311L Datasheet HTML 1Page - Fairchild Semiconductor FSQ311L Datasheet HTML 2Page - Fairchild Semiconductor FSQ311L Datasheet HTML 3Page - Fairchild Semiconductor FSQ311L Datasheet HTML 4Page - Fairchild Semiconductor FSQ311L Datasheet HTML 5Page - Fairchild Semiconductor FSQ311L Datasheet HTML 6Page - Fairchild Semiconductor FSQ311L Datasheet HTML 7Page - Fairchild Semiconductor FSQ311L Datasheet HTML 8Page - Fairchild Semiconductor FSQ311L Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0365, FSQ0265, FSQ0165, FSQ321, FSQ311 Rev. 1.0.5
4
Pin Configuration
Figure 3. Pin Configuration (Top View)
Pin Definitions
Pin #
Name
Description
1
GND
SenseFET source terminal on primary side and internal control ground.
2Vcc
Positive supply voltage input. Although connected to an auxiliary transformer winding, current
is supplied from pin 5 (Vstr) via an internal switch during startup (see Internal Block Diagram
Section). It is not until VCC reaches the UVLO upper threshold (12V) that the internal start-up
switch opens and device power is supplied via the auxiliary transformer winding.
3Vfb
The feedback voltage pin is the non-inverting input to the PWM comparator. It has a 0.9mA
current source connected internally while a capacitor and optocoupler are typically connected
externally. There is a time delay while charging external capacitor Cfb from 3V to 6V using an
internal 5
μA current source. This time delay prevents false triggering under transient condi-
tions but still allows the protection mechanism to operate under true overload conditions.
4
Sync
This pin is internally connected to the sync-detect comparator for valley switching. Typically the
voltage of the auxiliary winding is used as Sync input voltage and external resistors and capac-
itor are needed to make time delay to match valley point. The threshold of the internal sync
comparator is 0.7V/0.2V.
5Vstr
This pin is connected to the rectified AC line voltage source. At start-up the internal switch sup-
plies internal bias and charges an external storage capacitor placed between the Vcc pin and
ground. Once the Vcc reaches 12V, the internal switch is opened.
6,7,8
Drain
The drain pins are designed to connect directly to the primary lead of the transformer and are
capable of switching a maximum of 700V. Minimizing the length of the trace connecting these
pins to the transformer will decrease leakage inductance.
GND
Vcc
Sync
Vstr
8-DIP
Vfb
D
D
D
FSQ0365RN Rev.01
8-LSOP
V


Similar Part No. - FSQ311L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ311L FAIRCHILD-FSQ311L Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
More results

Similar Description - FSQ311L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ510MX FAIRCHILD-FSQ510MX Datasheet
1Mb / 14P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ510 FAIRCHILD-FSQ510_08 Datasheet
534Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Valley Switching Converter - Low EMI and High Efficiency
FSQ0365 FAIRCHILD-FSQ0365_11 Datasheet
892Kb / 21P
   Green Mode Fairchild Power Switch for Valley Switching Converter ??Low EMI and High Efficiency
FSQ0365 FAIRCHILD-FSQ0365_07 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter
FSQ510 FAIRCHILD-FSQ510 Datasheet
707Kb / 15P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Converter - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R_08 Datasheet
2Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RU FAIRCHILD-FSQ0465RU Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0365RN FAIRCHILD-FSQ0365RN Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0465RB FAIRCHILD-FSQ0465RB Datasheet
3Mb / 23P
   Green-Mode Fairchild Power Switch (FPS) for Quasi-Resonant Operation - Low EMI and High Efficiency
FSQ0565R FAIRCHILD-FSQ0565R Datasheet
3Mb / 22P
   Green-Mode Fairchild Power Switch (FPS?? for Quasi-Resonant Operation - Low EMI and High Efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com