Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSQ0370RNA Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FSQ0370RNA
Description  Green Mode Fairchild Power Switch (FPS??
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSQ0370RNA Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button FSQ0370RNA Datasheet HTML 2Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 3Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 4Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 5Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 6Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 7Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 8Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 9Page - Fairchild Semiconductor FSQ0370RNA Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FSQ0170RNA, FSQ0270RNA, FSQ0370RNA Rev. 1.0.2
6
Electrical Characteristics (Continued)
TA = 25°C unless otherwise specified.
Notes:
10. These parameters, although guaranteed, are not 100% tested in production.
11. Pulse test: Pulse width ≤ 300µs, duty ≤ 2%.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Burst-Mode Section
VBURH
Burst-Mode Voltage
TJ = 25°C
0.5
0.6
0.7
V
VBURL
0.3
0.4
0.5
V
VBUR(HYS)
100
200
300
mV
Protection Section
ILIM
Peak Current Limit
FSQ0170RNA
di/dt = 170mA/µs
0.70
0.80
0.90
A
FSQ0270RNA
di/dt = 200mA/µs
0.79
0.90
1.01
FSQ0370RNA
di/dt = 240mA/µs
0.97
1.10
1.23
tCLD
Current Limit Delay Time(10)
500
ns
TSD
Thermal Shutdown Temperature(10)
125
140
°C
VSD
Shutdown Feedback Voltage
5.5
6.0
6.5
V
VOVP
Over-Voltage Protection
18
19
V
IDELAY
Shutdown Delay Current
VFB = 4V
3.5
5.0
6.5
μA
tLEB
Leading Edge Blanking Time(10)
200
ns
Total Device Section
IOP
Operating Supply Current
(control part only)
VCC = 14V
1
3
5
mA
ICH
Start-Up Charging Current
VCC = 0V
0.70
0.85
1.00
mA
VSTR
Vstr Supply Voltage
VCC = 0V
24
V


Similar Part No. - FSQ0370RNA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSQ0370RNA FAIRCHILD-FSQ0370RNA Datasheet
938Kb / 17P
   Green Mode Fairchild Power Switch (FPS??
FSQ0370RNA FAIRCHILD-FSQ0370RNA_12 Datasheet
1Mb / 18P
   Green Mode Fairchild Power Switch (FPS??
More results

Similar Description - FSQ0370RNA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com