Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STI19NM65N Datasheet(PDF) 1 Page - STMicroelectronics

Part # STI19NM65N
Description  N-channel 650 V - 0.25 廓 - 15.5 A - TO-220/FP-D2/I2PAK-TO-247 second generation MDmesh??Power MOSFET
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI19NM65N Datasheet(HTML) 1 Page - STMicroelectronics

  STI19NM65N Datasheet HTML 1Page - STMicroelectronics STI19NM65N Datasheet HTML 2Page - STMicroelectronics STI19NM65N Datasheet HTML 3Page - STMicroelectronics STI19NM65N Datasheet HTML 4Page - STMicroelectronics STI19NM65N Datasheet HTML 5Page - STMicroelectronics STI19NM65N Datasheet HTML 6Page - STMicroelectronics STI19NM65N Datasheet HTML 7Page - STMicroelectronics STI19NM65N Datasheet HTML 8Page - STMicroelectronics STI19NM65N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
February 2008
Rev 1
1/19
19
STF19NM65N-STI19NM65N-STW19NM65N
STB19NM65N - STP19NM65N
N-channel 650 V - 0.25
Ω - 15.5 A - TO-220/FP-D2/I2PAK-TO-247
second generation MDmesh™ Power MOSFET
Features
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Application
Switching applications
Description
This series of devices implements the second
generation of MDmesh™ Technology. This
revolutionary Power MOSFET associates a new
vertical structure to the Company’s strip layout to
yield one of the world’s lowest on-resistance and
gate charge. It is therefore suitable for the most
demanding high efficiency converters
Figure 1.
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on) max
ID
STB19NM65N
710 V
< 0.27
15.5 A
STF19NM65N
710 V
< 0.27
15.5 A(1)
1.
Limited only by maximum temperature allowed
STI19NM65N
710 V
< 0.27
15.5 A
STP19NM65N
710 V
< 0.27
15.5 A
STW19NM65N
710 V
< 0.27
15.5 A
TO-220
TO-220FP
I²PAK
1
2
3
1
2
3
1
2
3
1
3
D²PAK
1
2
3
TO-247
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STI19NM65N
19NM65N
I²PAK
Tube
STF19NM65N
19NM65N
TO-220FP
Tube
STP19NM65N
19NM65N
TO-220
Tube
STB19NM65NT4
19NM65N
D²PAK
Tape and reel
STW19NM65N
19NM65N
TO-247
Tube
www.st.com


Similar Part No. - STI19NM65N

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
STI1000 AEROFLEX-STI1000 Datasheet
209Kb / 4P
   Synthetic Test Systems
logo
STMicroelectronics
STI100N10F7 STMICROELECTRONICS-STI100N10F7 Datasheet
652Kb / 28P
   N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
DS9291 - Rev 5 - June 2018
STI1010 STMICROELECTRONICS-STI1010 Datasheet
134Kb / 5P
   Single-chip worldwide iDTV processor
STI10N62K3 STMICROELECTRONICS-STI10N62K3 Datasheet
954Kb / 17P
   N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
STI10NM60N STMICROELECTRONICS-STI10NM60N Datasheet
702Kb / 12P
   N-channel 600 V, 0.53 Ω typ.,10 A MDmesh™ II Power MOSFET in I²PAK package
December 2015
More results

Similar Description - STI19NM65N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF15NM65N STMICROELECTRONICS-STF15NM65N Datasheet
499Kb / 18P
   N-channel 650V - 0.25廓 - 15.5A - TO-220/FP - D2/I2PAK - TO-247 Second generation MDmesh??Power MOSFET
STP21NM50N STMICROELECTRONICS-STP21NM50N_07 Datasheet
463Kb / 18P
   N-channel 500V - 0.15廓 - 18A TO-220/FP/D2/I2PAK/TO-247 Second generation MDmesh??Power MOSFET
STB12NM60N STMICROELECTRONICS-STB12NM60N Datasheet
591Kb / 18P
   N-channel 600V - 0.35廓 - 10A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STB15NM60N STMICROELECTRONICS-STB15NM60N Datasheet
607Kb / 18P
   N-channel 600V - 0.270廓 - 14A - D2/I2PAK - TO-220/FP - TO-247 Second generation MDmesh??Power MOSFET
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
STB21NM50N STMICROELECTRONICS-STB21NM50N Datasheet
633Kb / 16P
   N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
STP21NM60N STMICROELECTRONICS-STP21NM60N Datasheet
672Kb / 16P
   N-CHANNEL 600V - 0.19 Ohm - 17 A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET
STB23NM60N STMICROELECTRONICS-STB23NM60N Datasheet
554Kb / 19P
   N-channel 600 V - 0.150 廓 - 19 A - D2PAK - I2PAK - TO-220/FP TO-247, second generation MDmesh??Power MOSFET
STW24NM65N STMICROELECTRONICS-STW24NM65N Datasheet
552Kb / 19P
   N-channel 650 V - 0.16 廓 - 19 A - TO-220 - TO-220FP - D2PAK I2PAK - TO-247 second generation MDmesh??Power MOSFET
STP21NM60N STMICROELECTRONICS-STP21NM60N_08 Datasheet
562Kb / 18P
   N-channel 600 V - 0.17 廓 - 17 A TO-220 - TO-220FP - D2PAK - I2PAK - TO-247 second generation MDmesh??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com