Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF15NM60ND Datasheet(PDF) 8 Page - STMicroelectronics

Part # STF15NM60ND
Description  N-channel 600 V - 0.27 廓 - 14 A - FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15NM60ND Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STF15NM60ND Datasheet HTML 4Page - STMicroelectronics STF15NM60ND Datasheet HTML 5Page - STMicroelectronics STF15NM60ND Datasheet HTML 6Page - STMicroelectronics STF15NM60ND Datasheet HTML 7Page - STMicroelectronics STF15NM60ND Datasheet HTML 8Page - STMicroelectronics STF15NM60ND Datasheet HTML 9Page - STMicroelectronics STF15NM60ND Datasheet HTML 10Page - STMicroelectronics STF15NM60ND Datasheet HTML 11Page - STMicroelectronics STF15NM60ND Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
STP15NM60ND - STF/I15NM60ND - STB15NM60ND - STW15NM60ND
8/19
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10. Transconductance
Figure 11. Static drain-source on resistance
Figure 12. Gate charge vs gate-source voltage Figure 13. Capacitance variations
1
10
100
1000
C(pF)
0.1
1
10
100
VDS(V)
f= 1 MHz
f= 1 MHz
VGS
GS
= 0
= 0
HV42710


Similar Part No. - STF15NM60ND

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF15NM60ND ISC-STF15NM60ND Datasheet
311Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STF15NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB25NM60ND STMICROELECTRONICS-STB25NM60ND Datasheet
530Kb / 18P
   N-channel 600 V - 0.13 廓 - 21 A FDmesh??II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
STB21NM60ND STMICROELECTRONICS-STB21NM60ND_09 Datasheet
559Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STX25NM60ND STMICROELECTRONICS-STX25NM60ND Datasheet
600Kb / 18P
   N-channel 600 V, 0.13 廓, 21 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STP21NM60ND STMICROELECTRONICS-STP21NM60ND Datasheet
545Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
   N-channel 500 V - 0.21 廓 - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
   N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com