Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF630M Datasheet(PDF) 1 Page - STMicroelectronics

Part # IRF630M
Description  N-channel 200V - 0.35廓 - 9A - TO-220 /TO-220FP Mesh Overlay??Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF630M Datasheet(HTML) 1 Page - STMicroelectronics

  IRF630M Datasheet HTML 1Page - STMicroelectronics IRF630M Datasheet HTML 2Page - STMicroelectronics IRF630M Datasheet HTML 3Page - STMicroelectronics IRF630M Datasheet HTML 4Page - STMicroelectronics IRF630M Datasheet HTML 5Page - STMicroelectronics IRF630M Datasheet HTML 6Page - STMicroelectronics IRF630M Datasheet HTML 7Page - STMicroelectronics IRF630M Datasheet HTML 8Page - STMicroelectronics IRF630M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
June 2006
Rev 2
1/14
14
IRF630M
IRF630MFP
N-channel 200V - 0.35
Ω - 9A - TO-220 /TO-220FP
Mesh Overlay™ Power MOSFET
General features
Extremely high dv/dt capability
Very low intrinsic capacitances
Gate charge minimized
Description
This power MOSFET is designed using the
company’s consolidated strip layout-based MESH
OVERLAY™ process. This technology matches
and improves the performances compared with
standard parts from various sources. Isolated TO-
220 option simplifies assembly and cuts risk of
accidental short circuit in crowded monitor PCB’s.
Applications
Switching application
Internal schematic diagram
Type
VDSS
(@Tjmax)
RDS(on)
ID
IRF630M
200 V
< 0.40
9 A
IRF630MFP
200 V
< 0.40
9 A
1
2
3
1
2
3
TO-220
TO-220FP
www.st.com
Order codes
Part number
Marking
Package
Packaging
IRF630M
IRF630M
TO-220
Tube
IRF630MFP
IRF630MFP
TO-220FP
Tube


Similar Part No. - IRF630M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630M STMICROELECTRONICS-IRF630M Datasheet
343Kb / 9P
   N-CHANNEL 200V - 0.35W - 9A TO-220/TO-220FP MESH OVERLAY MOSFET
IRF630MFP STMICROELECTRONICS-IRF630MFP Datasheet
343Kb / 9P
   N-CHANNEL 200V - 0.35W - 9A TO-220/TO-220FP MESH OVERLAY MOSFET
logo
VBsemi Electronics Co.,...
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results

Similar Description - IRF630M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF630 STMICROELECTRONICS-IRF630_06 Datasheet
336Kb / 14P
   N-channel 200V - 0.35廓 - 9A TO-220/TO-220FP Mesh overlay??II Power MOSFET
IRF630M STMICROELECTRONICS-IRF630M Datasheet
343Kb / 9P
   N-CHANNEL 200V - 0.35W - 9A TO-220/TO-220FP MESH OVERLAY MOSFET
STB19NF20 STMICROELECTRONICS-STB19NF20 Datasheet
535Kb / 16P
   N-channel 200V - 0.15廓 - 15A - TO-220 - D2PAK - TO-220FP MESH OVERLAY??Power MOSFET
IRF630 STMICROELECTRONICS-IRF630 Datasheet
104Kb / 9P
   N - CHANNEL 200V - 0.35ihm - 9A - TO-220/FP MESH OVERLAY] MOSFET
IRF640 STMICROELECTRONICS-IRF640 Datasheet
107Kb / 9P
   N - CHANNEL 200V - 0.150ohm - 18A TO-220/TO-220FP MESH OVERLAY] MOSFET
IRF640T STMICROELECTRONICS-IRF640T Datasheet
247Kb / 12P
   N-channel 200V - 0.15廓 - 15A - TO-220 MESH OVERLAY??Power MOSFET
IRF-634 STMICROELECTRONICS-IRF-634 Datasheet
326Kb / 14P
   N-channel 250V - 0.38廓 - 8A TO-220 /TO-220FP Mesh Overlay??Power MOSFET
IRF634 STMICROELECTRONICS-IRF634 Datasheet
333Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY??MOSFET
STP16NS25 STMICROELECTRONICS-STP16NS25 Datasheet
330Kb / 9P
   N-CHANNEL 250V - 0.23ohm - 16A TO-220 / TO-220FP MESH OVERLAY??MOSFET
STP8NS25 STMICROELECTRONICS-STP8NS25 Datasheet
329Kb / 9P
   N-CHANNEL 250V - 0.38ohm - 8A TO-220/TO-220FP MESH OVERLAY??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com