Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145170P2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC145170P2
Description  PLL Frequency Synthesizer with Serial Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145170P2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC145170P2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145170P2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MC145170-2 Technical Data, Rev. 5
4
Freescale Semiconductor
Electrical Characteristics
Table 3. Electrical Characteristics (Voltages Referenced to VSS, TA = -40 to 85°C)
Parameter
Test Condition
Symbol
VDD
V
Guaranteed
Limit
Unit
Power Supply Voltage Range
VDD
-
2.7 to 5.5
V
Maximum Low-Level Input Voltage1
(Din, CLK, ENB, fin)
dc Coupling to fin
VIL
2.7
4.5
5.5
0.54
1.35
1.65
V
Minimum High-Level Input Voltage1
(Din, CLK, ENB, fin)
dc Coupling to fin
VIH
2.7
4.5
5.5
2.16
3.15
3.85
V
Minimum Hysteresis Voltage
(CLK, ENB)
VHys
2.7
5.5
0.15
0.20
V
Maximum Low-Level Output Voltage
(Any Output)
Iout = 20 µA
VOL
2.7
5.5
0.1
0.1
V
Minimum High-Level Output Voltage
(Any Output)
Iout = - 20 µA
VOH
2.7
5.5
2.6
5.4
V
Minimum Low-Level Output Current
(PDout, REFout, fR, fV, LD, φR, φV)
Vout = 0.3 V
Vout = 0.4 V
Vout = 0.5 V
IOL
2.7
4.5
5.5
0.12
0.36
0.36
mA
Minimum High-Level Output Current
(PDout, REFout, fR, fV, LD, φR, φV)
Vout = 2.4 V
Vout = 4.1 V
Vout = 5.0 V
IOH
2.7
4.5
5.5
-0.12
-0.36
-0.36
mA
Minimum Low-Level Output Current (Dout)
Vout = 0.4 V
IOL
4.5
1.6
mA
Minimum High-Level Output Current (Dout) Vout = 4.1 V
IOH
4.5
-1.6
mA
Maximum Input Leakage Current
(Din, CLK, ENB, OSCin)
Vin = VDD or VSS
Iin
5.5
±1.0
µA
Maximum Input Current
(fin)
Vin = VDD or VSS
Iin
5.5
±150
µA
Maximum Output Leakage Current
(PDout)
(Dout)
Vin = VDD or VSS,
Output in High-Impedance State
IOZ
5.5
5.5
±100
±5.0
nA
µA
Maximum Quiescent Supply Current
Vin = VDD or VSS; Outputs Open;
Excluding fin Amp Input Current
Component
IDD
5.5
100
µA
Maximum Operating Supply Current
fin = 500 mVpp;
OSCin = 1.0 MHz @ 1.0 Vpp;
LD, fR, fV, REFout = Inactive and No
Connect;
OSCout, φV, φR, PDout = No Connect;
Din, ENB, CLK = VDD or VSS
Idd
-
[Note 2]
mA
Note: 1. When dc coupling to the OSCin pin is used, the pin must be driven rail-to-rail. In this case, OSCout should be floated.
2. The nominal values at 3.0 V are 0.6 mA @ 30 MHz, and 1.5 mA @ 100 MHz. The nominal values at 5.0 V are
3.0 mA @ 50 MHz, and 5.8 mA @ 185 MHz. These are not guaranteed limits.


Similar Part No. - MC145170P2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145170P2 MOTOROLA-MC145170P2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
MC145170P2 LANSDALE-MC145170P2 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
More results

Similar Description - MC145170P2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com