Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145151P2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC145151P2
Description  PLL Frequency Synthesizers (CMOS)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145151P2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC145151P2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MC145151-2 and MC145152-2 Technical Data, Rev. 5
2
Freescale Semiconductor
MC145151-2 Parallel-Input (Interfaces with Single-Modulus Prescalers)
1
MC145151-2 Parallel-Input (Interfaces with
Single-Modulus Prescalers)
The MC145151-2 is programmed by 14 parallel-input data lines for the N counter and three input lines for
the R counter. The device features consist of a reference oscillator, selectable-reference divider,
digital-phase detector, and 14-bit programmable divide-by-N counter.
The MC145151-2 is an improved-performance drop-in replacement for the MC145151-1. The power
consumption has decreased and ESD and latch-up performance have improved.
1.1
Features
Operating Temperature Range: - 40 to 85
°C
Low Power Consumption Through Use of CMOS Technology
3.0 to 9.0 V Supply Range
On- or Off-Chip Reference Oscillator Operation
Lock Detect Signal
÷ N Counter Output Available
Single Modulus/Parallel Programming
8 User-Selectable
÷ R Values: 8, 128, 256, 512, 1024, 2048, 2410, 8192
÷ N Range = 3 to 16383
“Linearized” Digital Phase Detector Enhances Transfer Function Linearity
Two Error Signal Options: Single-Ended (Three-State) or Double-Ended
Chip Complexity: 8000 FETs or 2000 Equivalent Gates
Figure 1. MC145151-2 Pin Assignment
5
4
3
2
1
10
9
8
7
6
11
12
13
14
20
21
22
23
24
25
26
19
27
28
18
17
16
15
RA2
PDout
VDD
VSS
fin
N0
φ
R
RA0
N3
N2
N1
RA1
φ
V
fV
N10
N11
OSCout
OSCin
LD
N5
N6
N7
N4
N9
N12
N13
N8
T/R


Similar Part No. - MC145151P2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145151P2 MOTOROLA-MC145151P2 Datasheet
718Kb / 36P
   Parallel-Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145151P2 LANSDALE-MC145151P2 Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
logo
NXP Semiconductors
MC145151P2 NXP-MC145151P2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results

Similar Description - MC145151P2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
logo
Sanyo Semicon Device
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
   PLL Frequency Synthesizers?
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com