Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145026 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC145026
Description  Encoder and Decoder Pairs CMOS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145026 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC145026 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145026 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MC145026, MC145027, MC145028 Technical Data, Rev. 4
4
Freescale Semiconductor
Electrical Specifications
Figure 4. MC145028 Decoder Block Diagram
2
Electrical Specifications
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum
rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to
the range VSS
≤ (Vin or Vout) ≤ VDD.
Table 1. Maximum Ratings* (Voltages Referenced to VSS)
Ratings
Symbol
Value
Unit
DC Supply Voltage
VDD
- 0.5 to + 18
V
DC Input Voltage
Vin
- 0.5 to VDD + 0.5
V
DC Output Voltage
Vout
- 0.5 to VDD + 0.5
V
DC Input Current, per Pin
Iin
± 10
mA
DC Output Current, per Pin
Iout
± 10
mA
Power Dissipation, per Package
PD
500
mW
Storage Temperature
Tstg
- 65 to + 150
°C
Lead Temperature, 1 mm from Case for 10 Seconds
TL
260
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional operation should be
restricted to the limits in the Electrical Characteristics tables or Pin Descriptions section.
SEQUENCER CIRCUIT
CONTROL
LOGIC
9-BIT
SHIFT
REGISTER
DATA
EXTRACTOR
A1
A2
A3
A4
A5
1
2
3
4
5
VDD = PIN 16
VSS = PIN 8
A6
A8
A7
A9
15
12
14
13
1
2
3
4
5
6
7
8
9
11
VT
9
Din
76
10
C1
C2
R1
R2


Similar Part No. - MC145026

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145026 MOTOROLA-MC145026 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Freescale Semiconductor...
MC145026 FREESCALE-MC145026 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
Motorola, Inc
MC145026D MOTOROLA-MC145026D Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
MC145026D LANSDALE-MC145026D Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145026D FREESCALE-MC145026D Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
More results

Similar Description - MC145026

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
ML145026 LANSDALE-ML145026 Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
HD3-6409-9 INTERSIL-HD3-6409-9 Datasheet
347Kb / 15P
   CMOS Manchester Encoder-Decoder
October 1, 2015
logo
Renesas Technology Corp
HD-15531 RENESAS-HD-15531 Datasheet
732Kb / 16P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com