Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34673AEP Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC34673AEP
Description  High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34673AEP Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC34673AEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34673AEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34673AEP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34673AEP Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34673AEP Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34673AEP Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34673AEP Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34673AEP Datasheet HTML 14Page - Freescale Semiconductor, Inc MC34673AEP Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
34673
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The MC34673 is a fully-integrated Li-Ion and Li-Polymer
battery charger in a tiny package. It uses current, voltage and
temperature control loops to regulate the charge current. It
has up to 28V input voltage rating, which makes the handheld
device safe even when connected to a wrong AC adapter.
The MC34673 requires only two external capacitors and
one resistor to build a fully functional charger for space-
limited applications such as PDAs, cell phones, portable
video game players and digital still cameras. Its ultra high-
accuracy (
±0.7%) output voltage and temperature-limited
charging current offer additional battery safety during
charging.
The CC-mode current can be programmed with an
external resistor (RISET). The voltage across this resistor is
proportional to the charge current, so the system can monitor
the charge current during the whole charge cycle. The EOC
current threshold is preset to 10% of the CC-mode current.
For a deeply discharged battery with a voltage lower than
2.7V, the MC34673 charges the battery with a trickle-mode
current, which is 20% of the CC-mode current.
Three indication outputs make it easy to report the input
power status and the charge status to MCUs, or users via
LEDs.
FUNCTIONAL PIN DESCRIPTION
INPUT SUPPLY (VIN)
The supply input. This pin should be bypassed to ground
with a 1.0µF capacitor.
POWER PRESENT INDICATOR (PPR)
Open-drain logic output to indicate the input power status.
The PPR-pin output is only determined by the input voltage,
not other conditions such as the EN pin input. The output is
low if VIN is higher than VPOR. This pin is capable to sink at
least 12.0mA current to drive a LED indicator.
CHARGE INDICATOR (CHG)
Open-drain logic output to indicate the charge status. The
output is low when the MC34673 is charging, until the EOC
conditions are reached. This pin is capable to sink at least
12.0mA current to drive a LED indicator.
ENABLE (EN)
Active-low enable logic Input. This pin is internally pulled
to ground by a weak current source. When left floating, the
charger is enabled. Pulling this pin to high voltage externally
disables the charger.
GROUND (GND)
Ground.
FAST CHARGE INDICATOR (FAST)
When charging, this open-drain logic output indicates
whether or not the battery voltage is higher than the trickle-
mode threshold. This pin is capable to sink more than 0.3mA
current. When the charger is on, this pin outputs a logic low
signal if the battery voltage is higher than the trickle-mode
threshold. When the charger is in the shutdown mode or in
any fault conditions, this pin outputs high-impedance.
CC-MODE CURRENT SETTING AND CHARGE
CURRENT MONITOR (ISET)
The CC-mode current, ICHG, is programmed by connecting
a resistor, RISET, between this pin and the ground. When
charging in the CC-mode, the voltage at this pin is 1.0V. The
voltage reduces proportionally as the charge current reduces
in the CV-mode. During the whole charge cycle, the voltage
at this pin can be used to monitor the charge current using the
following equation:
equ. 1
where IBAT is the actual charge current, ICHG is the
programmed CC-mode current, and VISET is the voltage of
the ISET pin during the whole charge cycle.
CHARGER OUTPUT (BAT)
Charger output pin. Connect this pin to the battery being
charged. Bypass to ground with a 2.2µF or higher capacitor.
EXPOSED PAD (EPAD)
Exposed pad. Must be soldered on the large ground plane
on the PCB to enhance the thermal conductivity. The pad
must be connected to GND electrically.
I
BAT
V
ISET
1.0V
--------------- I
CHG
=


Similar Part No. - MC34673AEP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34670 FREESCALE-MC34670 Datasheet
720Kb / 24P
   IEEE 802.3af PD With Current Mode Switching Regulator
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
MC34671 NXP-MC34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34671AEP FREESCALE-MC34671AEP Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671AEP/R2 FREESCALE-MC34671AEP/R2 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
More results

Similar Description - MC34673AEP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674 Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com