Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33996EK Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MC33996EK
Description  16 Output Switch with SPI Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33996EK Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MC33996EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33996
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 3.1V SOPWR 5.5V, 5.0V VPWR 18V, -40°C TA 125°C unless otherwise noted.
Where applicable, typical values noted reflect the parameter ‘s approximate value with VPWR = 13V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER SUPPLY (VPWR)
Supply Voltage Range
Fully Operational
VPWR(FO)
5.0
27
V
Supply Current
All Outputs ON, IOUT = 0.3A
IPWR(ON)
4.0
8.0
mA
Sleep State Supply Current at RST
≤ 0.8 and/or
SOPWR ≤ 1.5V
IPWR(SS)
_
1.0
10
μA
Over-voltage Shutdown
VOV
27.5
31.5
35
V
Over-voltage Shutdown Hysteresis
VOV(HYS)
0.6
1.4
2.3
V
VPWR Under-voltage Shutdown
VPWR(UV)
3.2
4.0
V
SPI Interface Logic Supply Voltage
SOPWR
3.1
5.5
V
SPI Interface Logic Supply Current (RST Pin High)
ISOPWR(RSTH)
100
500
μA
SPI Interface Logic Supply Current (RST Pin Low)
ISOPWR(RSTL)
-10
10
μA
SPI Interface Logic Supply Under-voltage Lockout
Threshold
SOPWR(UNVOL)
1.5
2.5
3.0
V
POWER OUTPUT (VPWR)
Drain-to-Source ON Resistance (IOUT = 0.35A, VPWR =
13V)
TJ = 125°C
TJ = 25°C
TJ = -40°C
RDS(ON)
0.75
0.55
0.45
1.1
Ω
Output Self-Limiting Current
Outputs Programmed ON
IOUT(lim)
0.9
1.2
2.5
A
Output Fault Detect Threshold (10)
Outputs Programmed OFF
VOUTth(F)
2.5
3.0
3.5
V
Output Off Open Load Detect Current (11)
Outputs Programmed OFF (VPWR = 5.0V, 13V, 18V)
IOCO
25
50
100
μA
Output Clamp Voltage
IOUT = 20mA
VCL
45
50
55
V
Output Leakage Current
SOPWR ≤ 1.5V, VOUT 1-16 = 18V
IOUT(lkg)
-10
2.0
10
μA
Over-temperature Shutdown (Outputs OFF) (12)
TLIM
155
165
180
°C
Over-temperature Shutdown Hysteresis (12)
TLIM(hys)
5.0
10
20
°C
Notes
10.
Output Fault Detect Thresholds with outputs programmed OFF. Output Fault Detect Thresholds are the same for output open and
shorts.
11.
Output OFF Open Load Detect Current is the current required to flow through the load for the purpose of detecting the existence of an
open load condition when the specific output is commanded to be OFF.
12.
This parameter is guaranteed by design; however, it is not production tested.


Similar Part No. - MC33996EK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33996EK FREESCALE-MC33996EK Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
MC33996EKR2 FREESCALE-MC33996EKR2 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
More results

Similar Description - MC33996EK

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
   16-Output Switch with SPI Control
logo
Freescale Semiconductor...
33996 FREESCALE-33996 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
   16-Output Switch with SPI and PWM Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com