Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCZ33975AEKR2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MCZ33975AEKR2
Description  Multiple Switch Detection Interface with Suppressed Wake-up and 32mA Wetting Current
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33975AEKR2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MCZ33975AEKR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33975AEKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33975
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33975 Pin Connections
Table 2. Pin Definitions
A functional description of each Pin can be found in the Functional Pin Description section on page 12.
Pin
Pin Name
Formal Name
Description
1
GND
Ground
Ground for logic, analog, and switch-to-battery inputs
2
SI
SPI Slave In
SPI control data input pin from MCU to 33975
3
SCLK
Serial Clock
SPI control clock input pin
4
CS
Chip Select
SPI control chip select input pin from MCU to 33975. Logic [0] allows data to be
transferred in
5–8
25–28
SPn
Programmable Switches 0–3
Programmable Switches 4–7
Programmable switch-to-battery or switch-to-ground input pins
9–15,
18–24
SGn
Switch-to-Ground Inputs 0–6
Switch-to-Ground Inputs 13–7
Switch-to-ground input pins
16
VPWR
Battery Input
Battery supply input pin. This pin requires external reverse battery protection.
17
WAKE
Wake-up
Open drain wake-up output is designed to control a power supply enable pin
29
INT
Interrupt
Open-drain output to MCU is used to indicate input switch change of state
30
AMUX
Analog Multiplex Output
Analog multiplex output
31
VDD
Voltage Drain Supply
3.3/5.0V supply sets SPI communication level for the SO driver
32
SO
SPI Slave Out
Provides digital data from 33975 to the MCU
SO
1
SP7
SP6
SP5
SP4
SG7
SG8
SG9
SG10
SG11
SG13
WAKE
SG12
INT
VDD
AMUX
GND
SP0
SP1
SP2
SP3
SG0
SG1
SG2
SG3
SG4
SG6
VPWR
SG5
CS
SI
SCLK
8
9
10
11
12
13
14
15
16
3
4
5
6
7
2
32
25
24
23
22
21
20
19
18
17
30
29
28
27
26
31


Similar Part No. - MCZ33975AEKR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCZ33970EG FREESCALE-MCZ33970EG Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MCZ33970EG NXP-MCZ33970EG Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
Freescale Semiconductor...
MCZ33970EGR2 FREESCALE-MCZ33970EGR2 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MCZ33970EGR2 NXP-MCZ33970EGR2 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
Freescale Semiconductor...
MCZ33972AEK FREESCALE-MCZ33972AEK Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
More results

Similar Description - MCZ33975AEKR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33975 FREESCALE-33975 Datasheet
881Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up and 32mA Wetting Current
MC33975ATEK FREESCALE-MC33975ATEK Datasheet
883Kb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
logo
NXP Semiconductors
MC33975 NXP-MC33975 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up and 32 mA Wetting Current
Rev 12.0, 08/2023
logo
Freescale Semiconductor...
MC33972 FREESCALE-MC33972 Datasheet
1Mb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
Motorola, Inc
MC33972 MOTOROLA-MC33972 Datasheet
506Kb / 28P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC34972 NXP-MC34972 Datasheet
1Mb / 31P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 1.0, 9/2013
logo
Freescale Semiconductor...
33972 FREESCALE-33972_09 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
MC33972 FREESCALE-MC33972_08 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-Up
logo
NXP Semiconductors
MC33972 NXP-MC33972 Datasheet
1Mb / 32P
   Multiple Switch Detection Interface with Suppressed Wake-up
Rev. 20, 8/2023
CD1030 NXP-CD1030 Datasheet
1Mb / 67P
   33 channel multiple switch detection interface with programmable wetting current
Rev. 5.0, 7/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com