Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33887DWBR2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC33887DWBR2
Description  5.0 A H-Bridge with Load Current Feedback
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33887DWBR2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC33887DWBR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33887DWBR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33887DWBR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33887DWBR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33887DWBR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33887DWBR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33887DWBR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33887DWBR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33887DWBR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33887
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 5.0 V V+ 28 V and -40
°C TA 125°C unless otherwise noted. Typical values
noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
TIMING CHARACTERISTICS
PWM Frequency (24)
fPWM
10
kHz
Maximum Switching Frequency During Active Current Limiting (25)
fMAX
20
kHz
Output ON Delay (26)
V+ = 14 V
tD(ON)
18
μs
Output OFF Delay (26)
V+ = 14 V
tD(OFF)
18
μs
ILIM Output Constant-OFF Time for Low-Side MOSFETs
(27), (28)
tA
15
20.5
26
μs
ILIM Blanking Time for Low-Side MOSFETs
(29), (28)
tB
12
16.5
21
μs
Output Rise and Fall Time (30)
V+ = 14 V, IOUT = 3.0 A
tF, tR
2.0
5.0
8.0
μs
Disable Delay Time (31)
tD(DISABLE)
8.0
μs
Power-ON Delay Time (32)
tPOD
1.0
5.0
ms
Wake-Up Delay Time (32)
tWUD
1.0
5.0
ms
Output MOSFET Body Diode Reverse Recovery Time (33)
tRR
100
ns
Notes
24
The outputs can be PWM-controlled from an external source. This is typically done by holding one input high while applying a PWM
pulse train to the other input. The maximum PWM frequency obtainable is a compromise between switching losses and switching
frequency. See Typical Switching Waveforms, Figures 12 through 19, pp. 14–17.
25
The Maximum Switching Frequency during active current limiting is internally implemented. The internal current limit circuitry produces
a constant-OFF-time pulse-width modulation of the output current. The output load’s inductance, capacitance, and resistance
characteristics affect the total switching period (OFF-time + ON-time) and thus the PWM frequency during current limit.
26
Output Delay is the time duration from the midpoint of the IN1 or IN2 input signal to the 10% or 90% point (dependent on the transition
direction) of the OUT1 or OUT2 signal. If the output is transitioning HIGH-to-LOW, the delay is from the midpoint of the input signal to
the 90% point of the output response signal. If the output is transitioning LOW-to-HIGH, the delay is from the midpoint of the input signal
to the 10% point of the output response signal. See Figure 6, page 12.
27
ILIM Output Constant-OFF Time is the time during which the internal constant-OFF time PWM current regulation circuit has tri-stated
the output bridge.
28
Load currents ramping up to the current regulation threshold become limited at the ILIM value. The short circuit currents possess a di/dt
that ramps up to the ISCH or ISCL threshold during the ILIM blanking time, registering as a short circuit event detection and causing the
shutdown circuitry to force the output into an immediate tri-state latch-OFF. See Figures 10 and 11, page 13. Operation in Current Limit
mode may cause junction temperatures to rise. Junction temperatures above ~160
°C will cause the output current limit threshold to
progressively “fold back”, or decrease with temperature, until ~175
°C is reached, after which the TLIM thermal latch-OFF will occur.
Permissible operation within this fold-back region is limited to nonrepetitive transient events of duration not to exceed 30 seconds. See
Figure 9, page 12.
29
ILIM Blanking Time is the time during which the current regulation threshold is ignored so that the short-circuit detection threshold
comparators my have time to act.
30
Rise Time is from the 10% to the 90% level and Fall Time is from the 90% to the 10% level of the output signal. See Figure 8, page 12.
31
Disable Delay Time is the time duration from the midpoint of the D (disable) input signal to 10% of the output tri-state response. See
Figure 7, page 12.
32
Parameter has been characterized but not production tested.
33
Parameter is guaranteed by design but not production tested.


Similar Part No. - MC33887DWBR2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33887DWBR2 MOTOROLA-MC33887DWBR2 Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
MC33887DWBR2 FREESCALE-MC33887DWBR2 Datasheet
856Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
More results

Similar Description - MC33887DWBR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33887 FREESCALE-33887 Datasheet
856Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
Motorola, Inc
MC33887 MOTOROLA-MC33887 Datasheet
485Kb / 28P
   5.0 A H-Bridge with Load Current Feedback
logo
Freescale Semiconductor...
33887 FREESCALE-33887_11 Datasheet
902Kb / 37P
   5.0 A H-Bridge with Load Current Feedback
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
MC33932VW FREESCALE-MC33932VW Datasheet
960Kb / 28P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com