Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33912BACR2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC33912BACR2
Description  LIN System Basis Chip with DC Motor Pre-driver and Current
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33912BACR2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC33912BACR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33912BACR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33912
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
HIGH SIDE OUTPUTS HS1 AND HS2 PINS (HS1, HS2)
Output Drain-to-Source On Resistance
TJ = 25°C, ILOAD = 50mA; VSUP > 9.0V
TJ = 150°C, ILOAD = 50mA; VSUP > 9.0V
(26)
TJ = 150°C, ILOAD = 30mA; 5.5V < VSUP < 9.0V
(26)
RDS(ON)
7.0
10
14
Output Current Limitation(27)
0V < VOUT < VSUP - 2.0V
ILIMHSX
60
120
250
mA
Open Load Current Detection(28)
IOLHSX
5.0
7.5
mA
Leakage Current
-0.2V < VHSX < VS2 + 0.2V
ILEAK
10
µA
Short-circuit Detection Threshold(29)
5.5V < VSUP < 27V
VTHSC
VSUP -2.0
V
Over-temperature Shutdown(30), (35)
THSSD
150
165
180
°C
Over-temperature Shutdown Hysteresis(35)
THSSD_HYS
10
°C
LOW SIDE OUTPUTS LS1 AND LS2 PINS (LS1, LS2)
Output Drain-to-Source On Resistance
TJ = 25°C, ILOAD = 150mA, VSUP > 9.0V
TJ = 125°C, ILOAD = 150mA, VSUP > 9.0V
TJ = 125°C, ILOAD = 120mA, 5.5V < VSUP < 9.0V
RDS(ON)
2.5
4.5
10
Output Current Limitation(31)
2.0V < VOUT < VSUP
ILIMLSX
160
275
350
mA
Open Load Current Detection(32)
IOLLSX
8.0
12
mA
Leakage Current
-0.2V < VOUT < VS1
ILEAK
10
µA
Active Output Energy Clamp
IOUT = 150mA
VCLAMP
VSUP +2.0
VSUP +5.0
V
Short-circuit Detection Threshold(33)
5.5V < VSUP < 27V
VTHSC
2.0
V
Over-temperature Shutdown(34), (35)
TLSSD
150
165
180
°C
Over-temperature Shutdown Hysteresis(35)
TLSSD_HYS
10
°C
Notes
26.
This parameter is production tested up to TA = 125°C and guaranteed by process monitoring up to TJ = 150°C..
27.
When over-current occurs, the corresponding high side stays ON with limited current capability and the HSxCL flag is set in the HSSR
.
28.
When open load occurs, the flag (HSxOP) is set in the HSSR
.
29.
When short-circuit occurs and if HVSE flag is enabled, both HS automatic shutdown.
30.
When over-temperature shutdown occurs, both high sides are turned off. All flags in HSSR are set.
31.
When over-current occurs, the corresponding low side stays ON with limited current capability and the LSxCL flag is set in the LSSR
.
32.
When open load occurs, the flag (LSxOP) is set in the LSSR.
33.
When short-circuit occurs and if HVSE Flag is enabled, both LS automatic shutdown
34.
When over-temperature shutdown occurs, both low sides are turned off. All flags in LSSR are set.
35.
Guaranteed by characterization but not production tested
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5V
≤ V
SUP ≤ 18V, -40°C ≤ TA ≤ 125°C for the 33912 and -40°C ≤ TA ≤ 85°C for the
34912, unless otherwise noted. Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal
conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC33912BACR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33912BAC FREESCALE-MC33912BAC Datasheet
2Mb / 94P
   LIN System Basis Chip with DC Motor Pre-driver and Current Sense
More results

Similar Description - MC33912BACR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33912 FREESCALE-MC33912_10 Datasheet
2Mb / 94P
   LIN System Basis Chip with DC Motor Pre-driver and Current Sense
MC33911 FREESCALE-MC33911_10 Datasheet
1Mb / 92P
   LIN System Basis Chip with DC Motor Pre-driver
33911 FREESCALE-33911 Datasheet
827Kb / 45P
   LIN System Basis Chip with DC Motor Pre-driver
logo
ATMEL Corporation
ATA6833 ATMEL-ATA6833 Datasheet
600Kb / 25P
   BLDC Motor Driver and LIN System Basis Chip
ATA6833 ATMEL-ATA6833_09 Datasheet
666Kb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6843 ATMEL-ATA6843_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA6844 ATMEL-ATA6844_14 Datasheet
1Mb / 27P
   BLDC Motor Driver and LIN System Basis Chip
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com