Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V827332U04S Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # V827332U04S
Description  2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V827332U04S Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  V827332U04S Datasheet HTML 1Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 2Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 3Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 4Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 5Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 6Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 7Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 8Page - Mosel Vitelic, Corp V827332U04S Datasheet HTML 9Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
MOSEL VITELIC
V827332U04S
V827332U04S Rev. 1.2 March 2002
Part Number Information
V
8
2
73
32
U 0
4
S
X
T
G - XX
DDRSDRAM
2.5V
WIDTH
DEPTH
184 PIN Registered
DIMM X8 COMPONENT
REFRESH
RATE 4K
4 BANKS
STTL
COMPONENT
REV LEVEL
COMPONENT
PACKAGE, T = TSOP
LEAD FINISH
G = GOLD
SPEED
A1 (100MHZ@CL2)
MOSEL VITELIC
MANUFACTURED
B0 (133MHZ@CL2.5)
B1 (133MHZ@CL2)


Similar Part No. - V827332U04S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827332N04S MOSEL-V827332N04S Datasheet
450Kb / 15P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
More results

Similar Description - V827332U04S

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V827332N04S MOSEL-V827332N04S Datasheet
450Kb / 15P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
V827332K04S MOSEL-V827332K04S Datasheet
277Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827432K24S MOSEL-V827432K24S Datasheet
211Kb / 14P
   2.5 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827464N24S MOSEL-V827464N24S Datasheet
478Kb / 15P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED ECC DDR SDRAM MODULE
V437432E24V MOSEL-V437432E24V Datasheet
309Kb / 13P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V827464K24S MOSEL-V827464K24S Datasheet
223Kb / 14P
   2.5 VOLT 64M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V827316K04S MOSEL-V827316K04S Datasheet
271Kb / 13P
   2.5 VOLT 16M x 72 HIGH PERFORMANCE UNBUFFERED ECC DDR SDRAM MODULE
V437332S04V MOSEL-V437332S04V Datasheet
301Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE UNBUFFERED ECC SDRAM MODULE
V437464E24V MOSEL-V437464E24V Datasheet
313Kb / 13P
   3.3 VOLT 64M x 72 HIGH PERFORMANCE REGISTERED SDRAM ECC MODULE
V437432S24V MOSEL-V437432S24V Datasheet
267Kb / 12P
   3.3 VOLT 32M x 72 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM ECC MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com