Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L79L12C Datasheet(PDF) 5 Page - STMicroelectronics

Part # L79L12C
Description  Negative voltage regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L79L12C Datasheet(HTML) 5 Page - STMicroelectronics

  L79L12C Datasheet HTML 1Page - STMicroelectronics L79L12C Datasheet HTML 2Page - STMicroelectronics L79L12C Datasheet HTML 3Page - STMicroelectronics L79L12C Datasheet HTML 4Page - STMicroelectronics L79L12C Datasheet HTML 5Page - STMicroelectronics L79L12C Datasheet HTML 6Page - STMicroelectronics L79L12C Datasheet HTML 7Page - STMicroelectronics L79L12C Datasheet HTML 8Page - STMicroelectronics L79L12C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
L79LxxAB - L79LxxAC - L79LxxC
Maximum ratings
5/22
3
Maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
VO = -5 to -9 V
-30
V
VO = -12 to -15 V
-35
IO
Output current
100
mA
PD
Power dissipation
Internally limited (1)
1.
Our SO-8 package used for Voltage Regulators is modified internally to have pins 2, 3, 6 and 7 electrically communed to
the die attach flag. This particular frame decreases the total thermal resistance of the package and increases its ability to
dissipate power when an appropriate area of copper on the printed circuit board is available for heat-sinking. The external
dimensions are the same as for the standard SO-8.
mW
TSTG
Storage temperature range
-40 to 150
°C
TOP
Operating junction temperature range
For L79L00C, L79L00AC
0 to 125
°C
For L79L00AB
-40 to 125
Table 3.
Thermal data
Symbol
Parameter
SO-8
TO-92
SOT-89
Unit
RthJC
Thermal resistance junction-case. (Max)
20
15
°C/W
RthJA
Thermal resistance junction-ambient. (Max)
55 (1)
200
°C/W
1.
Considering 6 cm2 of copper Board heat-sink.


Similar Part No. - L79L12C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L79L12C STMICROELECTRONICS-L79L12C Datasheet
94Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L79L12C STMICROELECTRONICS-L79L12C Datasheet
717Kb / 27P
   Negative voltage regulators
L79L12CD STMICROELECTRONICS-L79L12CD Datasheet
94Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
L79L12CD13TR STMICROELECTRONICS-L79L12CD13TR Datasheet
705Kb / 22P
   Negative voltage regulators
L79L12CZ STMICROELECTRONICS-L79L12CZ Datasheet
94Kb / 13P
   NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - L79L12C

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com