Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QE64CLD Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MC9S08QE64CLD
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QE64CLD Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MC9S08QE64CLD Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S08QE64CLD Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S08QE64CLD Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08QE64CLD Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08QE64CLD Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08QE64CLD Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08QE64CLD Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08QE64CLD Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08QE64CLD Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MC9S08QE128
Rev. 7, 10/2008
© Freescale Semiconductor, Inc., 2008. All rights reserved.
Freescale reserves the right to change the detail specifications as may be required to permit
improvements in the design of its products.
MC9S08QE128
• 8-Bit HCS08 Central Processor Unit (CPU)
– Up to 50.33-MHz HCS08 CPU above 2.4V, 40-MHz
CPU above 2.1V, and 20-MHz CPU above 1.8V, across
temperature range
– HC08 instruction set with added BGND instruction
– Support for up to 32 interrupt/reset sources
•On-Chip Memory
– Flash read/program/erase over full operating voltage
and temperature
– Random-access memory (RAM)
– Security circuitry to prevent unauthorized access to
RAM and flash contents
• Power-Saving Modes
– Two low power stop modes; reduced power wait mode
– Peripheral clock enable register can disable clocks to
unused modules, reducing currents; allows clocks to
remain enabled to specific peripherals in stop3 mode
– Very low power external oscillator can be used in stop3
mode to provide accurate clock to active peripherals
– Very low power real time counter for use in run, wait,
and stop modes with internal and external clock sources
–6
μs typical wake up time from stop modes
• Clock Source Options
– Oscillator (XOSC) — Loop-control Pierce oscillator;
Crystal or ceramic resonator range of 31.25 kHz to
38.4 kHz or 1 MHz to 16 MHz
– Internal Clock Source (ICS) — FLL controlled by
internal or external reference; precision trimming of
internal reference allows 0.2% resolution and 2%
deviation; supports CPU freq. from 2 to 50.33 MHz
• System Protection
– Watchdog computer operating properly (COP) reset
with option to run from dedicated 1-kHz internal clock
source or bus clock
– Low-voltage detection with reset or interrupt; selectable
trip points
– Illegal opcode detection with reset
– Flash block protection
• Development Support
– Single-wire background debug interface
– Breakpoint capability to allow single breakpoint setting
during in-circuit debugging (plus two more breakpoints)
– On-chip in-circuit emulator (ICE) debug module
containing two comparators and nine trigger modes.
Eight deep FIFO for storing change-of-flow addresses
and event-only data. Debug module supports both tag
and force breakpoints.
• ADC — 24-channel, 12-bit resolution; 2.5
μs conversion
time; automatic compare function; 1.7 mV/
°C temperature
sensor; internal bandgap reference channel; operation in
stop3; fully functional from 3.6V to 1.8V
• ACMPx — Two analog comparators with selectable
interrupt on rising, falling, or either edge of comparator
output; compare option to fixed internal bandgap reference
voltage; outputs can be optionally routed to TPM module;
operation in stop3
• SCIx — Two SCIs with full duplex non-return to zero
(NRZ); LIN master extended break generation; LIN slave
extended break detection; wake up on active edge
• SPIx— Two serial peripheral interfaces with Full-duplex or
single-wire bidirectional; Double-buffered transmit and
receive; MSB-first or LSB-first shifting
• IICx — Two IICs with; Up to 100 kbps with maximum bus
loading; Multi-master operation; Programmable slave
address; Interrupt driven byte-by-byte data transfer;
supports broadcast mode and 10 bit addressing
• TPMx — One 6-channel and two 3-channel; Selectable
input capture, output compare, or buffered edge- or
center-aligned PWMs on each channel
• RTC — 8-bit modulus counter with binary or decimal
based prescaler; External clock source for precise time
base, time-of-day, calendar or task scheduling functions;
Free running on-chip low power oscillator (1 kHz) for
cyclic wake-up without external components
• Input/Output
– 70 GPIOs and 1 input-only and 1 output-only pin
– 16 KBI interrupts with selectable polarity
– Hysteresis and configurable pull-up device on all input
pins; Configurable slew rate and drive strength on all
output pins.
– SET/CLR registers on 16 pins (PTC and PTE)
80-LQFP
Case 917A
14 mm2
64-LQFP
Case 840F
10 mm2
48-QFN
Case 1314
7 mm2
32-LQFP
Case 873A
7 mm2
44-LQFP
Case 824D
10 mm2
MC9S08QE128 Series
Covers: MC9S08QE128, MC9S08QE96, MC9S08QE64


Similar Part No. - MC9S08QE64CLD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QE64CLC FREESCALE-MC9S08QE64CLC Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
MC9S08QE64CLH FREESCALE-MC9S08QE64CLH Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
More results

Similar Description - MC9S08QE64CLD

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com