Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QE64CLH Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MC9S08QE64CLH
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QE64CLH Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MC9S08QE64CLH Datasheet HTML 16Page - Freescale Semiconductor, Inc MC9S08QE64CLH Datasheet HTML 17Page - Freescale Semiconductor, Inc MC9S08QE64CLH Datasheet HTML 18Page - Freescale Semiconductor, Inc MC9S08QE64CLH Datasheet HTML 19Page - Freescale Semiconductor, Inc MC9S08QE64CLH Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08QE64CLH Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08QE64CLH Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08QE64CLH Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08QE64CLH Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
MC9S08QE128 Series Data Sheet, Rev. 7
Electrical Characteristics
Freescale Semiconductor
20
Figure 12. Typical Run IDD for FBE and FEI, IDD vs. VDD
(ADC off, All Other Modules Enabled)
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
1.8
2
2.2
2.4
2.6
2.8
3
VDD (V)
FEI: 24 MHz
FBELP: 24 MHz
FEI: 8 MHz
FBELP: 8 MHz
FEI: 1 MHz
FBELP: 1 MHz


Similar Part No. - MC9S08QE64CLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QE64CLH FREESCALE-MC9S08QE64CLH Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
More results

Similar Description - MC9S08QE64CLH

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com