Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QD4MPS Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MC9S08QD4MPS
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QD4MPS Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MC9S08QD4MPS Datasheet HTML 60Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 61Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 62Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 63Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 64Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 65Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 66Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 67Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 202 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08QD4 Series MCU Data Sheet, Rev. 3
64
Freescale Semiconductor
5.8.5
System Options Register 2 (SOPT2)
This high-page register contains bits to configure MCU-specific features on MC9S08QD4 series devices.
5.8.6
System Device Identification Register (SDIDH, SDIDL)
These high-page read-only registers are included so host development systems can identify the HCS08
derivative and revision number. This allows the development software to recognize where specific
memory blocks, registers, and control bits are located in a target MCU.
76
54
321
0
R
COPCLKS1
00
00
000
W
Reset:
000
00
000
= Unimplemented or Reserved
1 This bit can be written only one time after reset. Additional writes are ignored.
Figure 5-6. System Options Register 2 (SOPT2)
Table 5-7. SOPT2 Register Field Descriptions
Field
Description
7
COPCLKS
COP Watchdog Clock Select — This write-once bit selects the clock source of the COP watchdog.
0 Internal 32 kHz clock is source to COP.
1 Bus clock is source to COP.
76
54
321
0
R
REV3
REV2
REV1
REV0
ID11
ID10
ID9
ID8
W
Reset:
01
01
01
01
0
000
= Unimplemented or Reserved
1 The revision number that is hard coded into these bits reflects the current silicon revision level.
Figure 5-7. System Device Identification Register — High (SDIDH)
Table 5-8. SDIDH Register Field Descriptions
Field
Description
7:4
REV[3:0]
Revision Number — The high-order 4 bits of address SDIDH are hard coded to reflect the current mask set
revision number (0–F).
3:0
ID[11:8]
Part Identification Number — Each derivative in the HCS08 family has a unique identification number. The
MC9S08QD4 series is hard coded to the value 0x011. See also ID bits in Table 5-9.


Similar Part No. - MC9S08QD4MPS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QD4MPC FREESCALE-MC9S08QD4MPC Datasheet
951Kb / 196P
   Microcontrollers
MC9S08QD4MPC FREESCALE-MC9S08QD4MPC Datasheet
2Mb / 202P
   Microcontrollers
MC9S08QD4MPC FREESCALE-MC9S08QD4MPC Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results

Similar Description - MC9S08QD4MPS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com