Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QD4MPS Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MC9S08QD4MPS
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QD4MPS Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MC9S08QD4MPS Datasheet HTML 20Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 21Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 22Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 23Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 24Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 25Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 26Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 27Page - Freescale Semiconductor, Inc MC9S08QD4MPS Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 202 page
background image
Chapter 2 External Signal Description
MC9S08QD4 Series MCU Data Sheet, Rev. 3
24
Freescale Semiconductor
Although the BKGD pin is a pseudo open-drain pin, the background debug communication protocol
provides brief, actively driven, high speedup pulses to ensure fast rise times. Small capacitances from
cables and the absolute value of the internal pullup device play almost no role in determining rise and fall
times on the BKGD pin.
2.2.5
General-Purpose I/O and Peripheral Ports
The MC9S08QD4 series of MCUs support up to 4 general-purpose I/O pins, 1 input-only pin and 1
output-only pin, which are shared with on-chip peripheral functions (timers, serial I/O, ADC, keyboard
interrupts, etc.). On each of the MC9S08QD4 series devices there is one input-only and one output-only
port pin.
When a port pin is configured as a general-purpose output or a peripheral uses the port pin as an output,
software can select one of two drive strengths and enable or disable slew rate control. When a port pin is
configured as a general-purpose input or a peripheral uses the port pin as an input, software can enable a
pullup device.
For information about controlling these pins as general-purpose I/O pins, see the Chapter 6, “Parallel
Input/Output Control.” For information about how and when on-chip peripheral systems use these pins,
see the appropriate chapter referenced in Table 2-1.
Immediately after reset, all pins that are not output-only are configured as high-impedance,
general-purpose inputs with internal pullup devices disabled. After reset, the output-only port function is
not enabled but is configured for low output drive strength with slew rate control enabled. The PTA4 pin
defaults to BKGD/MS on any reset.
NOTE
To avoid extra current drain from floating input pins, the reset initialization
routine in the application program must either enable on-chip pullup devices
or change the direction of unused pins to outputs so the pins do not float.
2.2.5.1
Pin Control Registers
To select drive strength or enable slew rate control or pullup devices, the user writes to the appropriate pin
control register located in the high-page register block of the memory map. The pin control registers
operate independently of the parallel I/O registers and allow control of a port on an individual pin basis.
2.2.5.1.1
Internal Pullup Enable
An internal pullup device can be enabled for each port pin by setting the corresponding bit in one of the
pullup enable registers (PTxPEn). The pullup device is disabled if the pin is configured as an output by the
parallel I/O control logic or any shared peripheral function, regardless of the state of the corresponding
pullup enable register bit. The pullup device is also disabled if the pin is controlled by an analog function.
The KBI module and IRQ function when enabled for rising edge detection causes an enabled internal pull
device to be configured as a pulldown.


Similar Part No. - MC9S08QD4MPS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QD4MPC FREESCALE-MC9S08QD4MPC Datasheet
951Kb / 196P
   Microcontrollers
MC9S08QD4MPC FREESCALE-MC9S08QD4MPC Datasheet
2Mb / 202P
   Microcontrollers
MC9S08QD4MPC FREESCALE-MC9S08QD4MPC Datasheet
2Mb / 198P
   HCS08 Microcontrollers
More results

Similar Description - MC9S08QD4MPS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com