Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08QE128 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MC9S08QE128
Description  8-Bit HCS08 Central Processor Unit (CPU)
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08QE128 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MC9S08QE128_08 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC9S08QE128_08 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC9S08QE128_08 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC9S08QE128_08 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC9S08QE128_08 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC9S08QE128_08 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC9S08QE128_08 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC9S08QE128_08 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC9S08QE128_08 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
MC9S08QE128 Series Data Sheet, Rev. 7
Electrical Characteristics
Freescale Semiconductor
32
Conversion Time
(Including
sample time)
Short Sample (ADLSMP=0)
P
tADC
20
ADCK
cycles
See the ADC
chapter in the
MC9S08QE128
Reference Manual
for conversion time
variances
Long Sample (ADLSMP=1)
C
40
Sample Time
Short Sample (ADLSMP=0)
P
tADS
3.5
ADCK
cycles
Long Sample (ADLSMP=1)
C
23.5
Total Unadjusted
Error
12 bit mode
T
ETUE
±3.0
LSB2
Includes
Quantization
10 bit mode
P
±1
±2.5
8 bit mode
T
±0.5
±1.0
Differential
Non-Linearity
12 bit mode
T
DNL
±1.75
LSB2
10 bit mode3
P—
±0.5
±1.0
8 bit mode3
T—
±0.3
±0.5
Integral
Non-Linearity
12 bit mode
T
INL
±1.5
LSB2
10 bit mode
T
±0.5
±1.0
8 bit mode
T
±0.3
±0.5
Zero-Scale Error 12 bit mode
T
EZS
±1.5
LSB2
VADIN = VSSAD
10 bit mode
P
±0.5
±1.5
8 bit mode
T
±0.5
±0.5
Full-Scale Error
12 bit mode
T
EFS
±1.0
LSB2
VADIN = VDDAD
10 bit mode
P
±0.5
±1
8 bit mode
T
±0.5
±0.5
Quantization
Error
12 bit mode
D
EQ
—-1 to 0
LSB2
10 bit mode
±0.5
8 bit mode
±0.5
Input Leakage
Error
12 bit mode
D
EIL
±2—
LSB2
Pad leakage4 * RAS
10 bit mode
±0.2
±4
8 bit mode
±0.1
±1.2
Temp Sensor
Slope
-40
°C to 25°C
D
m
1.646
mV/
°C
25
°C to 85°C
1.769
Temp Sensor
Voltage
25
°CD VTEMP25
—701.2
mV
1 Typical values assume VDDAD = 3.0V, Temp = 25°C, fADCK=1.0MHz unless otherwise stated. Typical values are for reference
only and are not tested in production.
2 1 LSB = (VREFH - VREFL)/2N
3 Monotonicity and No-Missing-Codes guaranteed in 10 bit and 8 bit modes
4 Based on input pad leakage current. Refer to pad electricals.
Table 18. 12-bit ADC Characteristics (VREFH = VDDAD, VREFL = VSSAD) (continued)
Characteristic
Conditions
C
Symb
Min
Typ1
Max
Unit
Comment


Similar Part No. - MC9S08QE128_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QE128CFT FREESCALE-MC9S08QE128CFT Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
MC9S08QE128CLH FREESCALE-MC9S08QE128CLH Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
MC9S08QE128CLK FREESCALE-MC9S08QE128CLK Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
MC9S08QE128CQD FREESCALE-MC9S08QE128CQD Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
More results

Similar Description - MC9S08QE128_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
   8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
logo
Freescale Semiconductor...
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
   8-bit HCS08 Central Processor Unit (CPU)
MC9S08LG32 FREESCALE-MC9S08LG32_09 Datasheet
3Mb / 50P
   8-bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com