Electronic Components Datasheet Search |
|
S9S08SL32E1M20R Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc |
|
S9S08SL32E1M20R Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 356 page 8-Bit HCS08 Central Processor Unit (CPU) • 40-MHz HCS08 CPU (central processor unit) • HC08 instruction set with added BGND instruction • Support for up to 32 interrupt/reset sources On-Chip Memory • FLASH read/program/erase over full operating voltage and temperature • EEPROM in-circuit programmable memory; program and erase while executing FLASH; erase abort • Random-access memory (RAM) • Security circuitry to prevent unauthorized access to RAM and NVM contents Power-Saving Modes • Two very low-power stop modes • Reduced power wait mode • Very low-power real-time interrupt for use in run, wait, and stop Clock Source Options • Oscillator (XOSC) — Loop-control Pierce oscillator; Crystal or ceramic resonator range of 31.25 kHz to 38.4 kHz or 1 MHz to 16 MHz • Internal clock source (ICS) — Contains a frequency-locked loop (FLL) controlled by internal or external reference; precision trimming of internal reference allows 0.2% resolution and 2% deviation over temperature and voltage; supports bus frequencies from 2–20 MHz System Protection • Watchdog computer operating properly (COP) reset with option to run from dedicated 1-kHz internal clock source or bus clock • Low-voltage detection with reset or interrupt; selectable trip points • Illegal opcode detection with reset • Illegal address detection with reset • FLASH and EEPROM block protect Development Support • Single-wire background debug interface • Breakpoint capability allows single breakpoint setting during in-circuit debugging (plus two more breakpoints in the on-chip debug module) • In-circuit emulation (ICE) debug module — contains two comparators and nine trigger modes; eight-deep FIFO for storing change-of-flow address and event-only data; supports both tag and force breakpoints Peripherals • ADC — 16-channel, 10-bit resolution, 2.5 μs conversion time, automatic compare function, temperature sensor, internal bandgap reference channel; runs in stop3 • ACMPx — Two analog comparators with selectable interrupt on rising, falling, or either edge of comparator output; compare option to fixed internal bandgap reference voltage; output can optionally be routed to TPM module; runs in stop3 • SCI — Full duplex non-return to zero (NRZ); LIN master extended break generation; LIN slave extended break detection; wake-up on active edge • SLIC — Supports LIN 2.0 and SAE J2602 protocols; up to 120 kbps, full LIN message buffering, automatic bit rate and frame synchronization, checksum generation and verification, UART-like byte transfer mode • SPI — Full-duplex or single-wire bidirectional; double-buffered transmit and receive; master or slave mode; MSB-first or LSB-first shifting • IIC — Up to 100 kbps with maximum bus loading; Multi-master operation; Programmable slave address; Interrupt driven byte-by-byte data transfer • TPMx — One 4-channel (TPM1) and one 2-channel (TPM2); selectable input capture, output compare, or buffered edge- or center-aligned PWM on each channel • RTC — 8-bit modulus real-time counter with binary or decimal based prescaler; external clock source for precise time base, time-of-day, calendar, or task scheduling functions; free running on-chip low power oscillator (1 kHz) for cyclic wake-up without external components Input/Output • 22 general purpose I/O pins • 16 interrupt pins with selectable polarity • Hysteresis and configurable pull up device on all input pins; Configurable slew rate and drive strength on all output pins. Package Options •28-TSSOP •20-TSSOP MC9S08EL32 Features |
Similar Part No. - S9S08SL32E1M20R |
|
Similar Description - S9S08SL32E1M20R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |